Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HM7222 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7222
Description  High-Speed USB 2.0(480 Mbps) DPDT Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7222 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7222 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7222 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7222 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7222 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7222 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7222 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7222 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7222 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7222 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
DC Electrical Characteristics
CONTROL INPUT (Typical: T = 25°C, VCC = 3.3 V)
Symbol Pins
Parameter
Test
Conditions VCC(V)
-40
to +85
unit
Min Typ Max
VIH
OE ControlInputHighVoltage
2.7
3.3
4.2
1.3
1.4
1.6
-
-
V
VIL
OE ControlInputLowVoltage
2.7
3.3
4.2
-
0.4
0.4
0.5
V
IIN
OE ControlInputLeakageCurrent
0≤
VIS
VCC 1.65 – 4.5 -
-
±
1.0
µ
A
SUPPLY AND LEAKAGE CURRENT (Typical: T = 25°C, VCC= 3.3 V)
Symbol Pins
Parameter
Test
Conditions
VCC(V) -40℃ to +85℃ unit
Min Max
ICC
VCC
Quiescent Supply Current
VIS= VCCor
GND;
IOUT=0A
1.65 – 4.5
-
1.0
µ
A
ICCT
VCC
Increase in ICC per Control
Voltage
VIN=2.6V
3.6
-
10
µ
A
IOZ
HSD1+,
HSD1-,
HSD2+,
HSD2-
OFF Stage Leakage Current
0≤
VIS
VCC 1.65 – 4.5
-
±
1.0
µ
A
IOFF
D+,D- Power OFF Leakage Current
0≤
VIS
4.5V
0
-
±
1.0
µ
A
HIGH SPEED ON RESISTANCE (Typical: T = 25°C, VCC= 3.3 V)
Symbol Pins
Parameter
Test Conditions VCC(V)
-40
to +85
unit
Min Typ Max
RON
On-Resistance
VIS = 0 V to 0.4 V,
ION =8 mA
2.7
3.3
4.2
-
6.5
6.0
5.5
12
10
8.0
Ω
RFLAT
On-Resistance
Flatness
VIS = 0 V to 1.0 V,
ION =8 mA
2.7
3.3
4.2
-
0.6
0.5
0.4
-
Ω
RON
On-Resistance
Matching
VIS = 0 V to 0.4 V,
ION =8 mA
2.7
3.3
4.2
-
0.25
0.2
0.15
-
Ω
HM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com