Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSH300 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH300
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH300 Datasheet HTML 1Page - STMicroelectronics TSH300 Datasheet HTML 2Page - STMicroelectronics TSH300 Datasheet HTML 3Page - STMicroelectronics TSH300 Datasheet HTML 4Page - STMicroelectronics TSH300 Datasheet HTML 5Page - STMicroelectronics TSH300 Datasheet HTML 6Page - STMicroelectronics TSH300 Datasheet HTML 7Page - STMicroelectronics TSH300 Datasheet HTML 8Page - STMicroelectronics TSH300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TSH300
Electrical Characteristics
3/18
2
Electrical Characteristics
Table 3.
Electrical characteristics for VCC = ±2.5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC performance
V
io
Input Offset Voltage
Offset Voltage between both inputs
T
amb
-1.8
0.5
1.8
mV
T
min. < Tamb < Tmax.
0.5
∆V
io
V
io drift vs. Temperature
T
min. < Tamb < Tmax.
-3.8
µV/°C
I
ib+
Non Inverting Input Bias Current
DC current necessary to bias the input +
T
amb
30
46
µA
T
min. < Tamb < Tmax.
33
I
ib-
Inverting Input Bias Current
DC current necessary to bias the input -
T
amb
-46
-30
µA
T
min. < Tamb < Tmax.
-34
CMR
Common Mode Rejection Ratio
20 log
(
∆V
ic/
∆V
io)
∆V
ic = ±1V
60
88
dB
T
min. < Tamb < Tmax.
83
SVR
Supply Voltage Rejection Ratio
20 log
(
∆Vcc/∆Vio)
∆V
cc= 3.5V to 5V
70
77
dB
T
min. < Tamb < Tmax.
74
PSRR
Power Supply Rejection Ratio
20 log (
∆Vcc/∆Vout)
Gain = +5,
∆V
cc=±100mV
at 1kHz
76
dB
ICC
Positive Supply Current
DC consumption with no input signal
No load
15
19.5
mA
T
min. < Tamb < Tmax.
15.3
Dynamic performance and output characteristics
AVD
Open Loop Gain
Output Voltage/Input Voltage Gain in
open loop of a VFA.
R
L = 100Ω,Vout = ±1V
65
67
dB
T
min. < Tamb < Tmax.
66
dB
Bw
Bandwidth
Frequency where the gain is 3dB below
the DC gain
Small Signal V
out=20mVp-p
RL = 100
Ω
Gain = +5
Gain = +20
30
200
43
MHz
Gain Flatness @ 0.1dB
Band of frequency where the gain
variation does not exceed 0.1dB
Small Signal Vout=20mVp-p
Gain = +5
160
SR
Slew Rate
Maximum output speed of sweep in large
signal
V
out = 2Vp-p, Gain = +20,
R
L = 100
Ω
160
230
V/
µs
V
OH
High Level Output Voltage
R
L = 100Ω
1.39
1.45
V
T
min. < Tamb < Tmax.
1.46
V
OL
Low Level Output Voltage
R
L = 100
Ω
-1.45
-1.39
V
T
min. < Tamb < Tmax.
-1.46
I
out
Isink
Short-circuit output current entering op-amp.
Output to GND
44
77
mA
T
min. < Tamb < Tmax.
78
Isource
Output current coming out of the op-amp.
Output to GND
-82
-44
T
min. < Tamb < Tmax.
-78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com