Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SVRFL2800S Datasheet(PDF) 10 Page - VPT, Inc.

Part # SVRFL2800S
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRFL2800S Datasheet(HTML) 10 Page - VPT, Inc.

Back Button SVRFL2800S Datasheet HTML 6Page - VPT, Inc. SVRFL2800S Datasheet HTML 7Page - VPT, Inc. SVRFL2800S Datasheet HTML 8Page - VPT, Inc. SVRFL2800S Datasheet HTML 9Page - VPT, Inc. SVRFL2800S Datasheet HTML 10Page - VPT, Inc. SVRFL2800S Datasheet HTML 11Page - VPT, Inc. SVRFL2800S Datasheet HTML 12Page - VPT, Inc. SVRFL2800S Datasheet HTML 13Page - VPT, Inc. SVRFL2800S Datasheet HTML 14Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRFL2800S - 11.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 10
SVRFL2800S Series
The SYNCOUT pin provides a 5 V quasi-square wave output at either the SYNCIN frequency or the free-running frequency if SYNCIN
is not used. The SYNCOUT of a SVRFL can be connected to the SYNCIN pin of a second SVRFL to synchronize its switching
frequency to that of the first SVRFL. Similarly, the SYNCOUT of the second SVRFL can be connected to SYNCIN of a third SVRFL.
Subsequent SVRFL converters can be connected in this daisy chain arrangement as shown in the figure. SYNCOUT should be left
open if not used.
6.2.5 Parallel Operation (SHARE)
The SVRFL2800S Series provides a SHARE function for active current sharing among paralleled modules. To enable load sharing,
connect a single wire between the SHARE pins of all parallel modules. The SHARE pin can be noise sensitive. Paralleled converters
should be located physically close to one another and share a low impedance OUTCOM connection. A symmetrical layout of the output
traces will improve share accuracy. Frequency synchronization is not required for parallel operation. The SHARE pin should be left
open if not used.
6.3 PROTECTION FEATURES
6.3.1 Input Undervoltage Lockout
The SVRFL2800S Series provides input undervoltage lockout protection. For input voltages below the turn-on voltage, the converter will
remain off, drawing minimal current from the source. When the input voltage exceeds the turn-on voltage, the converter will start. The
lockout circuit is designed to tolerate slow ramping input voltage waveforms. VPT’s proprietary magnetic feedback technology provides
bias voltage to all secondary control circuits and control amplifiers before the output starts, ensuring a well-controlled start up
sequence.
2
INCOM
4
INH1
1
28VIN
7
+VOUT
8
OUTCOM
LOAD
+
-
28Vdc
12
28VOUT
7
OUTCOM
1 28VIN
6 INCOM
CASE
-S
9
+S
10
SYNCIN
6
28VIN
2
28VIN
3
INCOM
4
INCOM
5
28VOUT 11
28VOUT 10
OUTCOM 9
OUTCOM 8
SVRME28 EMI FILTER
SVRFL2800S DC-DC CONVERTER
CASE
5
SYNCOUT
11
SHARE
2
INCOM
4
INH1
1
28VIN
7
+VOUT
8
OUTCOM
-S 9
+S
10
SYNCIN
6
SVRFL2800S DC-DC CONVERTER
CASE
5
SYNCOUT
11
SHARE
2
INCOM
4
INH1
1
28VIN
7
+VOUT
8
OUTCOM
-S
9
+S
10
SYNCIN
6
SVRFL2800S DC-DC CONVERTER
CASE
11
SHARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com