Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS-TM-MSD Datasheet(PDF) 1 Page - Crystek Corporation

Part # CS-TM-MSD
Description  TNCA Plug, Solder Clamp for semflex LA290 Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CS-TM-MSD Datasheet(HTML) 1 Page - Crystek Corporation

  CS-TM-MSD Datasheet HTML 1Page - Crystek Corporation CS-TM-MSD Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
NOTES:
1.0 Materials
1.1 Body, Coupling, and Clamp Nut: Steel. Corrosion Resistant per ASTM-A582. UNS No. S30300.
1.2 Center Conductor: Beryllium Copper per ASTM-B196. UNS C17300.
1.3 Solder Ferrule: Brass per ASTM-B16. UNS C36000.
1.4 Lock Ring: Beryllium Copper per ASTM-B197. UNS C17200.
1.5 Gasket and O-Ring: Silicone Rubber per A-A-59588.
1.6 Insulator: PTFE Fluorocarbon per ASTM-D1710.
1.7 Cable Stop: Polyetherimide Thermoplastic (ULTEM 1000) per ASTM-D5205.
2.0 Finishes
2.1 Center Contact and Solder Ferrule: Gold Plate per ASTM-B488 50 Microinches Min. thickness
over Electrolytic Nickel Plate per ASTM-B689 50 Microinches Min. thickness.
2.2 Body, Coupling, and Clamp Nuts: Passivated per SAE-AMS-2700.
2.3 Gasket, O-Ring, Lock Ring, and Dielectrics: None.
3.0 Interface: TNCA Plug per MIL-STD-348. Figure 313-3.
NOTE: Distance from end of cable
center conductor to Ref. Pl. is 0.645
Page 1 of 2


Similar Part No. - CS-TM-MSD

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CS-TM-MSC CRYSTEKCRYSTAL-CS-TM-MSC Datasheet
206Kb / 3P
TNCA Plug, Solder Clamp for Semflex HP190 Cable
More results

Similar Description - CS-TM-MSD

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CS-DM-MJB CRYSTEKMICROWAVE-CS-DM-MJB Datasheet
89Kb / 2P
2.4mm Plug, Solder Clamp for IW1501 Cable
CS-NM-MSD CRYSTEKMICROWAVE-CS-NM-MSD Datasheet
92Kb / 2P
Type N Plug , Solder Clamp for Semflex LA290 Cable
CS-SM-MHD CRYSTEKMICROWAVE-CS-SM-MHD Datasheet
89Kb / 2P
SMA Plug, Solder Clamp for Harbour SS402 Cable
logo
Crystek Corporation
CS-SM-MHA CRYSTEKCRYSTAL-CS-SM-MHA Datasheet
88Kb / 2P
SMA Plug, Solder Clamp for Harbour LL142 Cable
CS-SM-MHB CRYSTEKCRYSTAL-CS-SM-MHB Datasheet
80Kb / 2P
SMA Plug, Solder Clamp for Harbour LL335 Cable
CS-SM-MSB CRYSTEKCRYSTAL-CS-SM-MSB Datasheet
94Kb / 2P
SMA Plug, Solder Clamp for Semflex HP160 Cable
CS-SM-MSC CRYSTEKCRYSTAL-CS-SM-MSC Datasheet
86Kb / 2P
SMA Plug, Solder Clamp for Semflex HP190 Cable
CS-SM-MSD CRYSTEKCRYSTAL-CS-SM-MSD Datasheet
89Kb / 2P
SMA Plug, Solder Clamp for Semflex LA290 Cable
CS-TM-MHA CRYSTEKCRYSTAL-CS-TM-MHA Datasheet
126Kb / 3P
SMA Plug, Solder Clamp for Harbour LL142 Cable
CS-TM-MSC CRYSTEKCRYSTAL-CS-TM-MSC Datasheet
206Kb / 3P
TNCA Plug, Solder Clamp for Semflex HP190 Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com