Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN30N120P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN30N120P
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN30N120P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN30N120P Datasheet HTML 1Page - IXYS Corporation IXFN30N120P Datasheet HTML 2Page - IXYS Corporation IXFN30N120P Datasheet HTML 3Page - IXYS Corporation IXFN30N120P Datasheet HTML 4Page - IXYS Corporation IXFN30N120P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXFN30N120P
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
(M4 screws (4x) supplied)
SOT-227B (IXFN) Outline
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 15A, Note 1
13
22
S
C
iss
19
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
960
pF
C
rss
25
pF
R
Gi
Gate Input Resistance
1.7
t
d(on)
57
ns
t
r
60
ns
t
d(off)
95
ns
t
f
56
ns
Q
g(on)
310
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 15A
104
nC
Q
gd
137
nC
R
thJC
0.14
C/W
R
thCS
0.05
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
30
A
I
SM
Repetitive, Pulse Width Limited by T
JM
120
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
300 ns
Q
RM
1.6
C
I
RM
14.0
A
Note
1. Pulse test, t
 300s, duty cycle, d  2%.
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 15A
R
G = 1 (External)
I
F = 15A, -di/dt = 100A/s
V
R = 100V, VGS = 0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com