Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE3M0199 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE3M0199
Description  Temperature Conditioned SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0199 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE3M0199 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0199 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0199 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0199 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0199 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0199 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE3M0199 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
6
How to Order
Part Number Configuration:
PE3M0199
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3M0199-12 = 12 inches long cable
PE3M0199-100cm = 100 cm long cable
Cable Assembly Length Tolerances:
Temperature Conditioned SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable Using PE-P160LL Coax from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Temperature Conditioned SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable
Using PE-P160LL Coax PE3M0199
URL: https://www.pasternack.com/temperature-conditioned-sma-male-tnc-female-pe-p160ll-cable-assembly-pe3m0199-p.
aspx
PE3M0199 REV 1.2
RF Cable Assemblies Technical Data Sheet
Temperature Conditioned SMA Male Right Angle to TNC
Female Bulkhead Low Loss Cable Using PE-P160LL Coax
PE3M0199



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com