Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM186ED-25VC/W Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM186ED-25VC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-25VC/W Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM186ED-25VC/W Datasheet HTML 33Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 34Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 35Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 36Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 37Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 38Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 39Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 40Page - Advanced Micro Devices AM186ED-25VC/W Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
Am186ED/EDLV Microcontrollers
37
PRELI M INARY
D
RA
F T
Table 6.
DRAM Pin Interface
Programmable Bus Sizing
The Am186ED/EDLV microcontrollers allow program-
mability for data bus widths through fields in the Auxil-
iary Configuration Register (AUXCON) , as shown in
Table 7. The USIZ bit in AUXCON is only configurable
if the boot mode is 8-bit at reset.
The width of the data access should not be modified
while the processor is fetching instructions from the as-
sociated address space.
Table 7.
Programming the Bus Width of
Am186ED/EDLV Microcontrollers
Note:
1. UCS width on reset is determined by the S2/BTSEL
pin. If UCS boots as a 16-bit space, it is not re-con-
figurable to 8-bit.
Byte-Write Enables
The Am186ED/EDLV microcontrollers provide the
WHB (Write High Byte) and WLB (Write Low Byte) sig-
nals, which act as byte-write enables.
WHB is the logical OR of BHE and WR. WHB is Low
when BHE and WR are both Low. WLB is the logical
OR of A0 and WR. WLB is Low when A0 and WR are
both Low.
The byte-write enables are driven in conjunction with
the nonmultiplexed address bus as required for the
write timing requirements of common SRAMs.
Data Strobe Bus Interface Option
The Am186ED/EDLV microcontrollers provide an
asynchronous bus interface that allows the use of 68K-
type peripherals. This implementation combines a DS
data strobe signal (multiplexed with DEN) with an asyn-
chronous ARDY ready input. When DS is asserted, the
data and address signals are valid.
A chip select signal, ARDY, DS, and other control sig-
nals (RD/WR) can control the interface of 68K-type ex-
ternal peripherals to the AD bus.
DRAM INTERFACE
The Am186ED/EDLV microcontrollers support up to
two banks of DRAM. The use of DRAM can signifi-
cantly reduce the memory costs for applications using
more than 64K of RAM. No performance is lost except
for the slight overhead of periodically refreshing the
DRAM. The lower bank of DRAM uses the LCS space.
The upper bank of DRAM uses the UCS space. Either,
neither, or both banks can be activated. When either
bank is activated, the UCAS and LCAS are enabled,
and the DRAM address multiplexing is enabled on the
A19–A0 bus. When DRAM is activated, the corre-
sponding memory bus size should be set to 16-bit. The
use of 8-bit-wide DRAM is not supported. All refreshes
to DRAM are 7 clocks long. The refreshes must be sep-
arately enabled in the RCU.
The improved memory timing specifications of the
Am186ED/EDLV microcontrollers allow for zero-wait-
state operation using 50-ns DRAM at a 40-MHz clock
speed. 60-ns DRAM requires one wait state at 40 MHz
and zero wait states at 33 MHz and below. 70-ns
DRAM requires two wait states at 40 MHz, one wait
state at 33 MHz, and zero wait states at 25 MHz and
below. This reduces overall system cost by enabling
the use of commonly available memory speeds and
taking advantage of DRAM’s lower cost per bit over
SRAM.
AM186ED/EDLV
Microcontroller Pins
DRAM Pin
A1
MA0
A3
MA1
A5
MA2
A7
MA3
A9
MA4
A11
MA5
A13
MA6
A15
MA7
A17
MA8
RAS0RAS (Bank 0)
RAS1RAS (Bank 1)
UCAS
UCAS (AD15–AD8 Byte)
LCAS
LCAS (AD7–AD0 Byte)
RD
OE
WR
WE
Space
AUXCON
Field
Value
Bus
Width
Comments
UCS
USIZ
0
16 bits
Dependent
on boot
option1
1
8 bits
LCS
LSIZ
0
16 bits
Default
1
8 bits
I/O
IOSIZ
0
16 bits
Default
1
8 bits
Other
MSIZ
0
16 bits
Default
1
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com