Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1774021 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1774021
Description  Housing - HC-HV 10/16-AML
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1774021 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1774021 Datasheet HTML 1Page - PHOENIX CONTACT 1774021 Datasheet HTML 2Page - PHOENIX CONTACT 1774021 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1774021
04/02/2018   Page 1 / 3
Housing - HC-HV 10/16-AML - 1774021
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
HEAVYCON panel mounting base HV10/16, with single locking latch, height 27 mm
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4017918115340
Weight per Piece (excluding packing)
137.610 g
Custom tariff number
85389099
Country of origin
Germany
Technical data
Dimensions
Height
27 mm
Width
43 mm
Length
140 mm
Length of the assembly cutout
113 mm
Width of the assembly cutout
35 mm
Ambient conditions
Degree of protection of housing (IP)
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HC-HV10/16


Similar Part No. - 1774021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1774027 PHOENIX-1774027 Datasheet
57Kb / 4P
PCB terminal block - MKDSP 10N/ 2-10,16 BK
More results

Similar Description - 1774021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1585692 PHOENIX-1585692 Datasheet
45Kb / 2P
Housing - HC-B 16-AML-A
1604943 PHOENIX-1604943 Datasheet
50Kb / 3P
Housing - HC-HV 10/16-TMQ-76/O1M25S
1773569 PHOENIX-1773569 Datasheet
54Kb / 3P
Housing - HC-HV 3-AML
1773763 PHOENIX-1773763 Datasheet
68Kb / 3P
Housing - HC-HV 6-AML
1773909 PHOENIX-1773909 Datasheet
63Kb / 3P
Housing - HC-HV 10/16-TFL-76/M1PG21S
1774005 PHOENIX-1774005 Datasheet
48Kb / 3P
Housing - HC-HV 10/16-TFQ-76/M1PG29S
1774034 PHOENIX-1774034 Datasheet
66Kb / 3P
Housing - HC-HV 10/16-AMLD
1774047 PHOENIX-1774047 Datasheet
51Kb / 3P
Housing - HC-HV 10/16-AMQ
1774050 PHOENIX-1774050 Datasheet
50Kb / 3P
Housing - HC-HV 10/16-AFQD
1774102 PHOENIX-1774102 Datasheet
55Kb / 3P
Housing - HC-HV 10/16-SMQ-67/M1PG21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com