Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC4376 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4376
Description  7A Ideal Diode with Reverse Input Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4376 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4376 Datasheet HTML 8Page - Analog Devices LTC4376 Datasheet HTML 9Page - Analog Devices LTC4376 Datasheet HTML 10Page - Analog Devices LTC4376 Datasheet HTML 11Page - Analog Devices LTC4376 Datasheet HTML 12Page - Analog Devices LTC4376 Datasheet HTML 13Page - Analog Devices LTC4376 Datasheet HTML 14Page - Analog Devices LTC4376 Datasheet HTML 15Page - Analog Devices LTC4376 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4376
13
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 13. 24V/7A Ideal Diode with Reverse Input Protection to VIN < VOUT – 40V
Figure 14. 24V Load Switch without Ideal Diode Function
C1*
0.47µF
*OPTIONAL FOR VIN > 24V
4376 F13
IN
CS
GATE
INK
SHDN
OUT
OUTK
VSS
LTC4376
D2
SMAJ24A
24V
D1
SMAJ40A
40V
D3
DDZ9699T
12V
COUT
1.5µF
VOUT
24V
7A
VIN
24V
R1
1k
D5*
1N4148
D4*
ES1A
R2*
1k
ON
OFF
4376 F14
OUT
CS
INK
GATE
IN
OUTK
VSS
LTC4376
D1
SMAJ40A
40V
D3
DDZ9699T
12V
CLOAD
R3
10k
C1
10nF
VOUT
24V
7A
VIN
24V
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com