Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC5555 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC5555
Description  1.5GHz to 7GHz Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5555 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC5555 Datasheet HTML 17Page - Analog Devices LTC5555 Datasheet HTML 18Page - Analog Devices LTC5555 Datasheet HTML 19Page - Analog Devices LTC5555 Datasheet HTML 20Page - Analog Devices LTC5555 Datasheet HTML 21Page - Analog Devices LTC5555 Datasheet HTML 22Page - Analog Devices LTC5555 Datasheet HTML 23Page - Analog Devices LTC5555 Datasheet HTML 24Page - Analog Devices LTC5555 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC5555
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
SPI PROGRAMMING
Data transfers to the part are accomplished by first tak-
ing CSB low to enable the port. Then, serial input data
on SDI is captured on the rising edge of CLK and shifted
into an 8-bit shift register, MSB first. Serial data from
the registers is driven out to SDO on the clock’s falling
edge. The communication burst is terminated by taking
CSB high. The rising edge on CSB will then latch the
shift-register’s contents into an 8-bit buffer D-latch. The
buffer latch prevents the downconverter’s gain and power
mode from changing while data is loaded. See Figure 15
for timing details.
When CSB is high, the clock and data inputs are internally
gated off, minimizing current consumption when not se-
lected, and the SDO output is high impedance. However,
it is recommended that the serial interface signals should
remain idle between data transfers to avoid digital noise
coupling into the RF signal paths.
AmemorymapoftheregistercontentsisshowninTable7,
with detailed bit descriptions in Table 8. Each bit’s default
power-up value is also shown in Table 8, which is:
• 0dB IF attenuation (maximum gain)
• Full power mode
Figure 14. SPI Block Diagram
Figure 15. SPI Timing Diagram
5555 F15
CLK
SDI
tENABLE
tDELAY
tRISE,FALL
tHOLD
tDISABLE
tHOLD(CSB)
tSETUP
tSETUP(CSB)
SDO
CSB
SDI
CLK
CSB
D
Q
RB
(LSB)
D0
D1
VDD
(MSB)
D7
D
Q
RB
D
Q
RB
D
Q
RB
SDO
SPI LATCH
POR
RB
• • •
5555 F14
PARALLEL LATCH
D[7:0]
D[4:0]
RB
D4 D3 D2 D1 D0
S
P
D
PS
PS
D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com