Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC5262 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC5262
Description  REMOTE CONTROL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5262 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC5262 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5262 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5262 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5262 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5262 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5262 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5262 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5262 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5262 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silan
Semiconductors
SC5262
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
1
REMOTE CONTROL ENCODER
DESCRIPTION
The SC5262 is a remote control encoder paired with SC5272
utilizing CMOS technology. It encodes data and address pins into a
serial coded waveform suitable for RF or IR modulation. SC5262
has a maximum of 12-bits of tri-state address pins providing up to
531,441(or 312) address codes; thereby, drastically reducing any
code collision and unauthorized code scanning possibilities.
FEATURES
* Low power consumption and very high noise immunity
* Up to 12 tri-state code address pins or 6 data pins
* Wide operating voltage range(Vcc=3V ~ 15V)
* Single resistor oscillator
* Latch or Momentary output type
APPLICATION
* Home/automation security system
* Remote control toys or for industrial use
* Remote control fan
* Garage door controller
DIP-20
DIP-18
SOP-20
ORDERING INFORMATION
SC5262X-XX
RF: RF Applicatant, normally omitted
IR: IR Applicatant
S: SOP-20 Package
D: DIP-20 Package
Omitted: DIP-18 Package
PIN CONFIGURATION
1
A0
A1
A2
A3
A4
A5
Vss
NC
Vcc
Dout
OSC1
OSC2
A11/D0
NC
18 Pin
Package
20 Pin
Package
TE
A10/D1
A9/D2
A8/D3
A6/D5
A7/D4


Similar Part No. - SC5262

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SC5262 TOSHIBA-SC5262 Datasheet
99Kb / 2P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
More results

Similar Description - SC5262

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
Remote Control Encoder
2nd Oct 97
logo
Silan Microelectronics ...
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
REMOTE CONTROL ENCODER
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260_06 Datasheet
302Kb / 16P
Remote Control Encoder
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
Remote Control Encoder
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
Remote Control Encoder
February 20, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com