Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE7AP1002-1 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7AP1002-1
Description  1 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7AP1002-1 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7AP1002-1 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7AP1002-1 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7AP1002-1 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7AP1002-1 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7AP1002-1 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Mechanical Speciications
Size
.
Body Material and Plating
Brass, Tri-Metal
Coniguration
Design
Fixed
Package Style
Connectorized
Connectors
Description
Connector 1
Connector 2
Type
QMAMale
QMAFemale
Contact Material and Plating
Beryllium Copper, Gold
Brass, Gold
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
.
Environmental Speciications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-40 to +85 deg C
Ingress Protection (IP) Rating
IP67
Compliance Certiications (see product page for current document)
Plotted and Other Data
Notes:
PE7AP1002-1 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: 1 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body Rated to 1 Watt Up to
6 GHz
PE7AP1002-1
RF Fix e d At t e nua t ors Te c hnic a l Da t a She e t
PE7 AP1 0 0 2 -1
1 dB Fixed Attenuator, QMA Male to QMA Female
Brass Tri-Metal Body Rated to 1 Watt Up to 6 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com