Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E19 Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # E19
Description  Double Pole General Purpose
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

E19 Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  E19 Datasheet HTML 1Page - ZF Friedrichshafen AG E19 Datasheet HTML 2Page - ZF Friedrichshafen AG E19 Datasheet HTML 3Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.cherryswitches.com
Page 2 of 3, Last update 2016-01-20, Specifications subject to change without notice.
Actuator Specifications
4
E19/G20 Series
Actuator
Max
Operating
Force
Max
Pre-Travel
Operating Point
5
Min Over-
Travel
Max
Movement
Differential
Actuation
Length
6
g (lb)
mm (in)
mm (in)
mm (in)
mm (in)
mm (in)
A
850 (1.87)
1.27 (0.050)
7.24 ± 0.76 (0.285 ± 0.030)
2.03 (0.080)
0.38 (0.015)
N/A
H
205 (0.45)
6.99 (0.275)
7.92 ± 1.57 (0.312 ± 0.062)
4.75 (0.187)
2.36 (0.093)
38.10 (1.500)
H
High ratio
130 (0.28)
10.16 (0.400)
7.14 ± 1.57 (0.281 ± 0.062)
4.75 (0.187)
3.56 (0.140)
44.45 (1.750)
J
850 (1.87)
1.27 (0.050)
17.02 ± 0.76 (0.670 ± 0.030)
2.30 (0.080)
0.38 (0.015)
N/A
K
212 (0.47)
6.35 (0.250)
18.24 ± 1.57 (0.718 ± 0.062)
4.75 (0.187)
2.36 (0.093)
35.33 (1.391)
K
High ratio
150 (0.33)
7.92 (0.312)
17.45 ± 1.57 (0.687 ± 0.062)
4.75 (0.187)
3.56 (0.140)
41.78 (1.645)
M
850 (1.87)
1.27 (0.050)
20.62 ± 0.76 (0.812 ± 0.030)
5.54 (0.218)
0.38 (0.015)
N/A
E20 Series
Actuator
Max
Operating
Force
Max
Pre-Travel
Operating Point
5
Min Over-
Travel
Max
Movement
Differential
Actuation
Length
6
g (lb)
mm (in)
mm (in)
mm (in)
mm (in)
mm (in)
A
1280 (2.82)
2.54 (0.100)
6.30 ± 0.76 (0.248 ± 0.030)
1.27 (0.050)
0.38 (0.015)
N/A
H
425 (0.94)
8.38 (0.330)
11.89 ± 1.57 (0.468 ± 0.062)
3.96 (0.156)
1.27 (0.050)
20.85 (0.821)
H
High ratio
285 (0.63)
15.24 (0.600)
11.10 ± 1.57 (0.437 ± 0.062)
3.96 (0.156)
2.03 (0.080)
27.20 (1.071)
J
1280 (2.82)
2.54 (0.100)
6.30 ± 0.76 (0.248 ± 0.030)
1.27 (0.050)
0.38 (0.015)
N/A
K
425 (0.94)
8.84 (0.348)
21.84 ± 1.57 (0.860 ± 0.062)
3.96 (0.156)
1.14 (0.045)
17.48 (0.688)
K
High ratio
312 (0.69)
13.34 (0.525)
21.03 ± 1.57 (0.828 ± 0.062)
3.71 (0.146)
1.91 (0.075)
22.91 (0.902)
M
1280 (2.82)
2.54 (0.100)
19.66 ± 0.76 (0.774 ± 0.030)
4.78 (0.188)
0.38 (0.015)
N/A
4Contact factory regarding combinations not shown
5Measured above reference line; refer to dimensional drawing below
6Actuator tolerances ± 0.791 mm (0.031”); E14 H and K actuators are shorter and formed up 11⁰ at the button
Material Specifications
Case
General Purpose Phenolic
Actuating Button
Thermoplastic
Common Terminal
Copper Alloy
NO and NC Terminal
Copper Alloy (E13, G13)
Copper (E14)
Moving Blade
Copper Alloy (E13, G13)
Copper (E14)
Spring
Stainless Steel
Auxiliary Actuators
Cold-Rolled Steel (Nickel-Plated)
Roller
Sintered Stainless Steel
Contacts
Gold Crosspoint (G13)
Silver Alloy (E13, E14)
Dimensions – see page 3
Environmental Specifications
Temperature Rating
105 ⁰C (221 ⁰F) standard
150 ⁰C (302 ⁰F) available
Flammability Rating
UL94HB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com