Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

REM2 Datasheet(PDF) 6 Page - Recom International Power

Part # REM2
Description  2 Watt SIP8 Single and Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM2 Datasheet(HTML) 6 Page - Recom International Power

  REM2 Datasheet HTML 1Page - Recom International Power REM2 Datasheet HTML 2Page - Recom International Power REM2 Datasheet HTML 3Page - Recom International Power REM2 Datasheet HTML 4Page - Recom International Power REM2 Datasheet HTML 5Page - Recom International Power REM2 Datasheet HTML 6Page - Recom International Power REM2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.recom-power.com
REV.: 1/2019
MED-6
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load unless otherwise stated)
REM2
Series
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case
potting
PCB
black plastic, (UL94V-0)
silicone, (UL94V-0)
FR4, (UL94V-0)
Dimension (LxWxH)
23.0 x 8.0 x 12.2mm
Weight
4.4g typ.
Pinning information
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
6
-Vout
-Vout
7
+Vout
Com
8
No Pin
+Vout
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.25mm
Bottom View
Top View
0.75±0.10
8.0
23.0
4x2.54= 10.16
2.60
Marking
embossed logo
0.25±0.10
2.54
1 2
6 7 8
1 2
6 7 8
Recommended Footprint Details
Dimension Drawing (mm)
EMC Filtering Suggestions according to EN55032
C1
C2
L1
C1
Com
-VOUT
+VOUT
-Vout
+Vout
-Vout
+Vout
-Vin
+Vin
-Vout
+Vout
Com
-Vin
+Vin
-VIN
+VIN
-Vin
+Vin
C2
L1
C1
C2
L1
C1
Com
-VOUT
+VOUT
-Vout
+Vout
-Vout
+Vout
-Vin
+Vin
-Vout
+Vout
Com
-Vin
+Vin
-VIN
+VIN
-Vin
+Vin
C2
L1
Component List Class B
Single Output
Dual Output
Input Voltage
C1
C2
L1
3.3VDC
4.7µF
470pF / 6kVDC
47µH
5VDC
10µF
22µH
12VDC
4.7µF
15VDC
10µF
24VDC
47µH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com