Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC8151 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8151 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
12/1/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
G52225-0, Rev. 2.9
The serial demux can be bypassed and the 16-bit single-ended PECL bus RXPIN[15:0] can be used to input
SONET/SDH data for applications where the data has already been deserialized by a previous device. This
mode is selected by asserting the EQULOOP input (active high). Input setup and hold requirements are speci-
fied with respect to the falling edge of POUTCLK; the user is responsible for meeting loop timing requirements
between the VSC8151 and previous device. The user must still provide a line rate clock to the serial clock input
RXSLKIN+/- to provide a high-speed output clock to the mux and the means to create the divide-by-16 POUT-
CLK.
2.5G Serial and Parallel Output Interfaces
The high speed clock and data output driver consists of a differential pair designed to drive a 50
Ω transmis-
sion line. The transmission line should be terminated with a 100
Ω resistor at the load between true and comple-
ment outputs. No connection to a termination voltage is required. The output driver is source terminated to 50
Ω
on-chip, providing a snubbing of any reflections. If used single-ended, one way to terminate the output driver is
differentially at the load with a 100
Ω resistor between true and complement outputs. See Figure 2A. Another
option is to terminate the used output at the load with 50 ohm to VTERM and the unused output with 50 ohm to
VTERM at the source. See Figure 2B.
In some applications, it may be desirable to turn off the high speed outputs (TXSOUT, TXSCLKOUT) to
reduce power. To disable the high speed clock output, tie pin 22 to VCC (3.3V) instead of GND. To disable the
high speed data output, tie pin 17 to VCC (3.3V) instead of GND. Turning off each output will reduce maximum
current consumption by 107mA for the clock output, and 122mA for the data output.
Figure 2: High Speed Output Driver & Termination
VCC
VEE
Z0 = 50Ω
50
Ω
100
Ω
50
Ω
Pre-Driver
Figure 2A
VCC
VEE
VTERM
VTERM
Z0 = 50Ω
50
Ω
50
Ω
50
Ω
50
Ω
Pre-Driver
Figure 2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com