Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DTC504 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTC504
Description  Digital transistors (built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC504 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTC504 Datasheet HTML 1Page - First Silicon Co., Ltd DTC504 Datasheet HTML 2Page - First Silicon Co., Ltd DTC504 Datasheet HTML 3Page - First Silicon Co., Ltd DTC504 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2007. 12. 03
2/4
DTC504
Revision No : 0
ELECTRICAL CHARACTERISTIC CURVES
100
50
20
10
5
2
1
05
02
01
100µ 200µ
500µ
1m
2m
5m
10m 20m
50m 100m
OUTPUT CURRENT: IO (A)
Figure 1. Input voltage vs.output current
(ON characteristics)
TA = –40°C
25°C
100°C
VO = 0.3V
10m
5m
2m
1m
500µ
200µ
100µ
50µ
20µ
10µ
0
05
10
15
20
25
30
INPUT VOLTAGE: VI(ON) (V)
Figure 2. Output current vs.input voltage
(OFF characteristics)
TA = 100°C
25°C
–40°C
VCC = 5 V
1K
500
200
100
50
20
10
5
2
1
-100 µ-200 µ
-500 µ -1m
-2m
-5m -10m -20m
-50m -100m
OUTPUT CURRENT: IO (A)
Figure 3. DC current gain vs.output current
VO = 5 V
TA = 100°C
25°C
–40°C
10
05
02
01
005
002
001
005
002
001
100µ 200µ
500µ
1m
2m
5m
10m 20m
50m 100m
OUTPUT CURRENT: IO (A)
Figure 4. Output voltage vs.output current
I O / I I = 20
TA = 100°C
25°C
–40°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com