Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LNBEH21 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LNBEH21
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LNBEH21 Datasheet HTML 6Page - STMicroelectronics LNBEH21 Datasheet HTML 7Page - STMicroelectronics LNBEH21 Datasheet HTML 8Page - STMicroelectronics LNBEH21 Datasheet HTML 9Page - STMicroelectronics LNBEH21 Datasheet HTML 10Page - STMicroelectronics LNBEH21 Datasheet HTML 11Page - STMicroelectronics LNBEH21 Datasheet HTML 12Page - STMicroelectronics LNBEH21 Datasheet HTML 13Page - STMicroelectronics LNBEH21 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LNBEH21
10/22
Figure 7: DETIN/DSQOUT Circuit
Figure 8: DETIN/DSQOUT Waveform
13/18V Control Word mode, OM=1
When OM=1 the VOM is used to force the DC/DC Converter output voltage (VUP) in a steady state and to
control the TEN/VSEL pin function. According to the VOM selection TEN/VSEL will absolve two different
functions:
1)VOM=0 - TEN/VSEL pin controls both the post regulator output voltage (VOUT) and the DC/DC
Converter output voltage (VUP).
2)VOM=1 - TEN/VSEL pin controls only the post regulator output voltage while the DC/DC Converter
output voltage is forced in a steady state, at the high level, 22.7V typ. with LLC=1 and 21.7V typ. if LLC=0.
During normal operation, when no 13/18V control word is transmitted, the device must work with VOM=0
and TEN/VSEL pin is used to select the odd or even numbered transponder setting up the post regulator
output voltage in a steady state (13.25 or 19.5V); the VUP voltage is selected by the IC according to the
VOUT value in order to minimize the power dissipation.
Before the beginning of the 13/18V Control Word Communication, it is mandatory to set VOM at HIGH
level forcing the VUP at 21.7V typ.; after a certain setup time the µP can start to send the 13/18V pulses
command to the TEN/VSEL pin. During the 13/18V pulses, the VOUT rise and fall time between 13.25V
and 19.5V of are fully controlled by the internal voltage reference and they are maintained on a typical
value of 575µs, this time is guaranteed with a maximum output capacitance of 330nF and a load current
in the range of 6 to 450mA. As soon as the communication has expired VOM bit must be set LOW to avoid
any additional power dissipation (See Thermal Design Note). Refer to 13/18V Control Word section in the
complete truth table on page 11 for detailed logic combination and corresponding function description.
Tone
Detector
DSQOUT
DETIN
C6
100nF
to DiSEqC bus
(LNB)
VDD
(5V)
PWK data out
R1
2.5K
Ω
Ω
Ω
Ω
LNBEH21
0
5V
CH1=22KHz Tone to DETIN, CH2=PWK data at DSQOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com