Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML7020 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML7020
Description  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML7020 Datasheet HTML 9Page - OKI electronic componets ML7020 Datasheet HTML 10Page - OKI electronic componets ML7020 Datasheet HTML 11Page - OKI electronic componets ML7020 Datasheet HTML 12Page - OKI electronic componets ML7020 Datasheet HTML 13Page - OKI electronic componets ML7020 Datasheet HTML 14Page - OKI electronic componets ML7020 Datasheet HTML 15Page - OKI electronic componets ML7020 Datasheet HTML 16Page - OKI electronic componets ML7020 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
13/19
AC Characteristics (Processor Interface)
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Write signal period
P
W
2000
—
—
ns
Write signal width
T
W
100
—
—
ns
Read signal width
T
R
200
—
—
ns
T
AW1
10
—
—
ns
Address data setup time
T
AR1
80
—
—
ns
T
AW2
50
—
—
ns
Address data hold time
T
AR2
10
—
—
ns
T
CW1
10
—
—
ns
Chip select setup time
T
CR1
80
—
—
ns
T
CW2
50
—
—
ns
Chip select hold time
T
CR2
10
—
—
ns
Data setup time
T
DW1
110
—
—
ns
Data hold time
T
DW2
20
—
—
ns
Data output delay time
t
pd1
20
60
150
ns
Data output hold time
t
pd2
See Figure 5.
20
40
100
ns
Figure 5
Processor interface timing
CSB
A1, A0
D0 to D3
WRB
RDB
T
AW1
T
CW1
T
AW2
T
CW2
T
W
T
AR1
T
CR1
T
AR2
T
CR2
T
R
T
DW1
T
DW2
t
pd1
t
pd2
Address
Address
Write data
Read data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com