Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6258E Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6258E
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6258E Datasheet HTML 13Page - STMicroelectronics L6258E Datasheet HTML 14Page - STMicroelectronics L6258E Datasheet HTML 15Page - STMicroelectronics L6258E Datasheet HTML 16Page - STMicroelectronics L6258E Datasheet HTML 17Page - STMicroelectronics L6258E Datasheet HTML 18Page - STMicroelectronics L6258E Datasheet HTML 19Page - STMicroelectronics L6258E Datasheet HTML 20Page - STMicroelectronics L6258E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17/24
L6258E
The formula defining the gain of the load considering the Bemf of the stepper motor becomes:
we can see that the Bemf influences only the gain of the load block and does not introduce any other additional
pole or zero, so from the stability point of view the effect of the Bemf of the motor is not critical because the
phase margin remains the same.
Practically the only effect of the Bemf is to limit the gain of the total Aloop with a consequent variation of the
bandwidth of the system.
5
APPLICATION INFORMATION
A typical application circuit is shown in Fig.12.
Note: For avoid current spikes on falling edge of DISABLE a "DC feedback" would be added to the ERROR
Amplifier. (R1-R2 on Fig. 12).
5.1 Interference
Due to the fact that the circuit operates with switch mode current regulation, to reduce the effect of the wiring
inductance a good capacitor (100nF) can be placed on the board near the package, between the power supply
line (pin 13,31) and the power ground (pin 1,36,18,19) to absorb the small amount of inductive energy.
It should be noted that this capacitor is usually required in addition to an electrolytic capacitor, that has poor
performance at the high frequencies, always located near the package, between power supply voltage (pin
13,31) and power ground (pin 1,36,18,19), just to have a current recirculation path during the fast current decay
or during the phase change.
The range value of this capacitor is between few
µF and 100µF, and it must be chosen depending on application
parameters like the motor inductance and load current amplitude.
A decoupling capacitor of 100nF is suggested also between the logic supply and ground.
The EA_IN1 and EA_IN2 pins carry out high impedance lines and care must be taken to avoid coupled noise
on this signals. The suggestion is to put the components connected to this pins close to the L6258E, to surround
them with ground tracks and to keep as far as possible fast switching outputs of the device. Remember also an
1 Mohm resistor between EA_INx and EA_OUTx to avoid output current spike during supply startup/shutdown.
A non inductive resistor is the best way to implement the sensing. Whether this is not possible, some metal film
resistor of the same value can be paralleled.
The two inputs for the sensing of the winding motor current (SENSE_A & SENSE_B) should be connected di-
rectly on the sensing resistor Rs terminals, and the path lead between the Rs and the two sensing inputs should
be as short as possible.
ACload
Vsense
Vout
----------------------
V
S
Bemf
()
R
S
R
L
R
S
+
---------------------
V
S
-----------------------------------------------------------
==
Acload
V
S
Bemf
V
S
----------------------------
R
S
R
L
R
S
+
---------------------
=
ACload
dB
20
V
S
Bemf
V
S
----------------------------
R
S
R
L
R
S
+
---------------------



log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com