Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TTL02INR020DTL Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02INR020DTL
Description  High Power Thin Film Current Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02INR020DTL Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button TTL02INR020DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02INR020DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02INR020DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02INR020DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02INR020DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02INR020DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION TTL02INR020DTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION TTL02INR020DTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION TTL02INR020DTL Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CATALOGUE NUMBERS
TTL
02
Q
N
XXXX
F
T
L
Type code
Low
Resistance
Size code
02: 0201
04: 0402
06: 0603
08: 0805
12: 1206
20: 2010
25: 2512
Power Rating
Q:2W
P:1W
M:1/2W
K:1/3W
J:1/4W
I:1/5W
H:1/8W
G:1/10W
TCR
N:50ppm/
O:75ppm/
P:100ppm/
Q:150ppm/
R:200ppm/
U:350ppm/
Resistance
e.g. :
R020 = 20mΩ
R005 = 5mΩ
R2L5 =2.5mΩ
Tolerance
D: 0.5%
F: 1.0%
J : 5.0%
Packaging
code
T: 7” Taped &
Reeled
Termination
Code
L: Sn base
(lead-free)
Recommend Solder Pad Dimensions
Type
Resistance Range
A(mm)
B(mm)
C(mm)
D(mm)
TTL02
5~20m
1.00
0.30
0.35
0.40
TTL04
2.5~20m
2.00
0.40
0.80
0.60
TTL06
5~20m
2.52
0.50
1.01
1.01
TTL08
5~20m
2.54
0.50
1.02
1.27
TTL12
5~20m
3.90
0.76
1.57
1.78
TTL20
5~20m
6.10
3.30
1.40
3.05
TTL25
5~20m
7.36
4.06
1.65
3.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com