Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBD301L Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBD301L
Description  SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD301L Datasheet(HTML) 1 Page - ON Semiconductor

  MMBD301L Datasheet HTML 1Page - ON Semiconductor MMBD301L Datasheet HTML 2Page - ON Semiconductor MMBD301L Datasheet HTML 3Page - ON Semiconductor MMBD301L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Silicon Hot-Carrier Diodes
Schottky Barrier Diodes
These devices are designed primarily for high–efficiency UHF and VHF detector
applications. They are readily adaptable to many other fast switching RF and digital
applications. They are supplied in an inexpensive plastic package for low–cost,
high–volume consumer and industrial/commercial requirements. They are also
available in a Surface Mount package.
• Extremely Low Minority Carrier Lifetime – 15 ps (Typ)
• Very Low Capacitance – 1.5 pF (Max) @ VR = 15 V
• Low Reverse Leakage – IR = 13 nAdc (Typ) MBD301, MMBD301
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
MBD301
MMBD301LT1
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
280
2.8
200
2.0
mW
mW/
°C
Operating Junction
Temperature Range
TJ
– 55 to +125
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
DEVICE MARKING
MMBD301LT1 = 4T
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
Volts
Total Capacitance (VR = 15 V, f = 1.0 MHz) Figure 1
CT
0.9
1.5
pF
Reverse Leakage (VR = 25 V) Figure 3
IR
13
200
nAdc
Forward Voltage (IF = 1.0 mAdc) Figure 4
VF
0.38
0.45
Vdc
Forward Voltage (IF = 10 mAdc) Figure 4
VF
0.52
0.6
Vdc
NOTE: MMBD301LT1 is also available in bulk packaging. Use MMBD301L as the device title to order this device in bulk.
Thermal Clad is a registered trademark of the Berquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MBD301/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MBD301
MMBD301LT1
Motorola Preferred Devices
CASE 182– 02, STYLE 1
(TO–226AC)
CASE 318 – 08, STYLE 8
SOT– 23 (TO – 236AB)
1
2
3
1
2
3
CATHODE
1
ANODE
30 VOLTS
SILICON HOT–CARRIER
DETECTOR AND SWITCHING
DIODES
2
CATHODE
1
ANODE
© Motorola, Inc. 1997


Similar Part No. - MMBD301L

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD301L LRC-MMBD301L Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MMBD301LT1 ONSEMI-MMBD301LT1 Datasheet
65Kb / 5P
Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MMBD301LT1G ONSEMI-MMBD301LT1G Datasheet
65Kb / 5P
Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MMBD301LT1G ONSEMI-MMBD301LT1G Datasheet
135Kb / 5P
Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
More results

Similar Description - MMBD301L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAT54LT1 MOTOROLA-BAT54LT1 Datasheet
77Kb / 4P
30 VOLTS SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
BAT54SLT1 MOTOROLA-BAT54SLT1 Datasheet
80Kb / 4P
30 VOLTS DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MBD701 ONSEMI-MBD701 Datasheet
89Kb / 4P
SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MMBD452LT1 ONSEMI-MMBD452LT1 Datasheet
96Kb / 4P
DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
November, 2001 ??Rev. 2
logo
Leshan Radio Company
MBD701 LRC-MBD701 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes
logo
ON Semiconductor
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MBD701 ONSEMI-MBD701_16 Datasheet
94Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com