Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TTL02JPR010DTL Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02JPR010DTL
Description  High Power Thin Film Current Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02JPR010DTL Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button TTL02JPR010DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MOUNTING
Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for
handling by automatic placement systems.
Chip placement can be on ceramic substrates and printed-circuit boards (PCBs).
Electrical connection to the circuit is by individual soldering condition.
The end terminations guarantee a reliable contact.
SOLDERING CONDITION
The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260
°C
for 10 seconds. Therefore, it is possible to mount Surface Mount Resistors on one side of a PCB and other
discrete components on the reverse (mixed PCBs).
Surface Mount Resistors are tested for solderability at 235
°C during 2 seconds within lead-free solder bath.
The test condition for no leaching is 260
°C for 30 seconds. Typical examples of soldering profile and
condition that provide reliable joints without any damage are given in Fig 3. and Table 1.
Fig. 3 Infrared soldering profile for Chip Resistors
Table 1. Infrared soldering condition for Chip Resistors
Temperature Condition
Exposure Time
Average ramp-up rate (217
°C to 260°C)
Less than 3
°C/second
Between 150 and 200
°C
Between 60-120 seconds
> 217
°C
Between 60-150 seconds
Peak Temperature
260ºC +0/-5
°C
Time within 245
°C
Min. 30 seconds
Ramp-down rate (Peak to 217
°C)
Less than 6
°C/second
Time from 25
°C to Peak
No greater than 480 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com