Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WQAC293 Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WQAC293
Description  SMD Air Wound Coil Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WQAC293 Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WQAC293 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WQAC293 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5 of 7
ASC_WQAC293 Series_V1.0_Auto
Nov. Y2017
RELIABILITY PERFORMANCE
Test Item
Test Condition
Standard
Source
High Temperature
Exposure (Storage)
1000 hrs. at rated operating temperature (e.g. 125°C
part can be stored for 1000 hrs. @ 125°C. Same
applies for 105°C and 85°C. Unpowered.
Measurement at 24±4 hours after test conclusion.
MIL-STD-202
Method 108
Temperature Cycling
1000 cycles (-40°C to +125°C). Note: If 85°C part o r
105°C part the 1000 cycles will be at that
temperature. Measurement at 24±4 hours after test
conclusion. 30min maximum dwell time at each
temperature extreme. 1 min. maximum transition
time.
JESD22
Method JA-104
Biased Humidity
1000 hours 85°C/85%RH. Unpowered.
Measurement at 24±4 hours after test conclusion.
MIL-STD-202
Method 103
Operational Life
1000 hrs. @ 105°C. If 85°C or 125°C part will be
tested at that temperature.
Measurement at 24±4 hours after test conclusion.
MIL-PRF-27
Mechanical Shock
Method
213.
Condition
C,
Peak Value: 100g’s, Duration: 6ms, Waveform: Half-
sine
Velocity Change: 12.3ft/sec
MIL-STD-202
Method 213
Vibration
5g's for 20 minutes, 12 cycles each of 3 orientations.
Note: Use 8"X5" PCB, .031" thick, 7 secure points on
one long side and 2 secure points at corners of
opposite sides. Parts mounted within 2" from any
secure point. Test from 10-2000 Hz.
MIL-STD-202
Method 204
Resistance to Soldering Heat
Condition B No pre-heat of samples. Note: Single
Wave Solder - Procedure 2 for SMD and Procedure 1
for Leaded with solder within 1.5mm of device body.
MIL-STD-202
Method 210
ESD
Passive Component Human Body Model (HBM)
Electrostatic Discharge (ESD) Test.
Only direct contact discharge, record the voltage
value what the sample can pass.
AEC-Q200-002
Or
ISO/DIS10605
Solderability
For both Leaded & SMD. Electrical Test not required.
Magnification 50X. Conditions:
Leaded: Method A @ 235°C, category 3. SMD:
a) Method B, 4 hrs @ 155°C dry heat @ 235°C
b) Method B @ 215°C category 3.
c) Method D category 3 @ 260°C.
J-STD-002
Flammability
V-0 or V-1 Acceptable
UL-94
Board Flex
60 sec minimum holding time.
AEC-Q200-005
Terminal Strength (SMD)
Force of 1.8kg for 60 seconds.
AEC-Q200-006



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com