Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WQAC294 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WQAC294
Description  SMD Air Wound Coil Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WQAC294 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WQAC294 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WQAC294 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
ASC_WQAC294 Series_V1.0_Auto
Nov. Y2017
Characteristic Curve
● WQAC294A series
Inductance vs. Frequency
10.0
100.0
1000.0
1
10
100
1000
FREQ(MHz)
20
19
18
17
16
15
14
13
12
11
10
09
Typical Q vs. Frequency
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
220.0
1
10
100
1000
FREQ(MHz)
09
10
11
12
13
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com