Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2CL71A Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 2CL71A
Description  Plastic Fast Recover High Voltage Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2CL71A Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  2CL71A Datasheet HTML 1Page - First Silicon Co., Ltd 2CL71A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2CL71A
2015. 11. 30
2/2
Revision No : 0
Characteristic Curves
0
3
6
9
12
15
0
2
4
6
10
Ta = 25 °C
12
8
18
Ta = 100 °C
0.05
0.1
0.5
1
Tj = 25°C
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
REVERSE CHARACTERISTIC [VR-IR]
Repetitive Peak Reverse Voltage (KV)
9.0
11.0
13.0
7.0
8.0
10.0
12.0
RECERSE VOLTAGE CHARACTENRISTIC DISTRIBUTION
8
12
16
20
10
20
30
40
50
60
70
80
90
100
VZ,Reverse voltage(KV)
°C
Iz=25uA
N=100pcs
80
0
40
120
160
200
240
20
40
60
80
100 120 140
0
Tamb, ambient temperature (°C)
REVERSE RECVERY TIME CHARACTENRISTIC[Ta-Trr]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com