Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP3378E Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3378E
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378E Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3378E Datasheet HTML 15Page - Monolithic Power Systems MP3378E Datasheet HTML 16Page - Monolithic Power Systems MP3378E Datasheet HTML 17Page - Monolithic Power Systems MP3378E Datasheet HTML 18Page - Monolithic Power Systems MP3378E Datasheet HTML 19Page - Monolithic Power Systems MP3378E Datasheet HTML 20Page - Monolithic Power Systems MP3378E Datasheet HTML 21Page - Monolithic Power Systems MP3378E Datasheet HTML 22Page - Monolithic Power Systems MP3378E Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP3378E
– 4-CHANNEL WLED CONTROLLER WITH BUCK CONVERTER
MP3378E Rev. 1.02
www.MonolithicPower.com
19
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 1: The Range of PWM Dimming Duty
fPWM (Hz)
Dmin
Dmax
100<f
200
0.30%
100%
200<f
500
0.75%
100%
500<f
1k
1.50%
100%
1k<f
2k
3.00%
100%
2k<f
5k
7.50%
100%
5k<f
10k
15.00%
100%
10k<f
20k
30.00%
100%
2. Analog Dimming
For analog dimming, apply a PWM signal or a
DC voltage signal to ADIM. An internal RC filter
(10M
Ω
resistor
and
100pF
capacitor)
is
integrated to ADIM. If a PWM signal is applied to
ADIM, a >20kHz frequency is recommended for
better PWM signal filtering performance and to
ensure the amplitude voltage is higher than 1.5V,
and the low-level voltage is less than 0.4V. For
the DC signal input, apply a DC input signal
ranging from 0.41V to 1.49V to set the LED
current from minimum to full scale linearly.
BUCK CONVERTER SECTION:
Setting the Output Voltage
The external resistor divider is used to set the
output voltage. The feedback resistor R1 also
sets the feedback loop bandwidth with the
internal compensation capacitor. When R1 is
fixed, R2 is then given by Equation (13):
OUT2
R1
R2
V
1
0.8V
(13)
The T-type network is highly recommended (see
Figure 5).
FB
R1
R2
RT
12
VOUT2
Figure 5: T-type Network
Table 2 below lists the recommended T-type
resistor values for the common 5V output voltage.
Table 2: Resistor Selection for Common Output
Voltages
VOUT2
(V)
R1
(kΩ)
R2
(kΩ)
RT
(kΩ)
L2
(µH)
Co
(µF)
5
40.2
7.5
51
10
66
Selecting the Inductor
A 4.7µH to 10µH inductor with a DC current
rating at least 25% higher than the maximum
load
current
is
recommended
for
most
applications. For the highest efficiency, the
inductor DC resistance should be less than
15mΩ. For most designs, the inductance value
can be derived from Equation (14):
OUT2
IN2
OUT2
IN2
L2
OSC
V
(V
V
)
L2
V
I
F

  
(14)
Where ΔI
L2 is the inductor ripple current.
Set the inductor current to be approximately 30%
of the maximum load current. The maximum
inductor peak current is calculated with Equation
(15):
L2
L2(MAX)
LOAD2
I
II
2

(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com