Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC337 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BC337
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC337 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BC337 Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
TECHNICAL D ATA
BC337/338
BC337/BC338
TRANSISTOR
(NPN)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BC337
BC338
50
30
V
VCEO
Collector-Emitter Voltage
BC337
BC338
45
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
800
mA
PD
Total Device Dissipation
625
mW
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BC337
BC338
VCBO
IC= 100uA, IE=0
50
30
V
V
Collector-emitter breakdown voltage
BC337
BC338
VCEO
IC= 10mA ,
IB=0
45
25
V
V
Emitter-base breakdown voltage
VEBO
IE= 10uA, IC=0
5
V
Collector cut-off current
BC337
BC338
ICBO
VCB= 45V, IE=0
VCB= 25V, IE=0
0.1
0.1
uA
Collector cut-off current
BC337
BC338
ICEO
VCE= 40V, IB=0
VCE= 20V, IB=0
0.2
0.2
uA
Emitter cut-off current
IEBO
VEB= 4 V, IC=0
0.1
uA
BC337/BC338
BC337-16/BC338-16
BC337-25/BC338-25
BC337-40/BC338-40
hFE(1)
VCE=1V, IC= 100mA
100
100
160
250
630
250
400
630
DC current gain
hFE(2)
VCE=1V, IC= 300mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB= 50mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= 500mA, IB=50mA
1.2
V
Base-emitter voltage
VBE
VCE=1V, IC= 300mA
1.2
V
Transition frequency
f T
VCE= 5V, IC= 10mA
f = 100MHz
210
MHz
Collector Output Capacitance
Cob
VCB=10V,IE=0
f=1MHZ
15
pF
FEATURES
High Current : IC=800mA.
DC Current Gain : hFE=100 630 (VCE=1V, Ic=100mA).
For Complementary with PNP type BC327.
2011. 09. 27
1/1
Revision No : 0
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. COLLECTOR
2. BASE
3. EMITER


Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC337 SEMTECH-BC337 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com