Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1815CS5 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1815CS5
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815CS5 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1815CS5 Datasheet HTML 12Page - Linear Technology LT1815CS5 Datasheet HTML 13Page - Linear Technology LT1815CS5 Datasheet HTML 14Page - Linear Technology LT1815CS5 Datasheet HTML 15Page - Linear Technology LT1815CS5 Datasheet HTML 16Page - Linear Technology LT1815CS5 Datasheet HTML 17Page - Linear Technology LT1815CS5 Datasheet HTML 18Page - Linear Technology LT1815CS5 Datasheet HTML 19Page - Linear Technology LT1815CS5 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1815
LT1816/LT1817
181567fa
©LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 0303 1K REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1363/LT1364/LT1365
Single/Dual/Quad 70MHz, 1V/ns, C-Load
TM Op Amp
Wide Supply Range:
±2.5V to ±15V
LT1395/LT1396/LT1397
Single/Dual/Quad 400MHz Current Feedback Amplifier
4.6mA Supply Current, 800V/
µs, 80mA Output Current
LT1806/LT1807
Single/Dual 325MHz, 140V/
µs Rail-to-Rail I/O Op Amp
Low Noise: 3.5nV/
√Hz
LT1809/LT1810
Single/Dual 180MHz, 350V/
µs Rail-to-Rail I/O Op Amp
Low Distortion: 90dBc at 5MHz
LT1812/LT1813/LT1814
Single/Dual/Quad 3mA, 100MHz, 750V/
µs Op Amp
Low Power: 3.6mA Max at
±5V
C-Load is a trademark of Linear Technology Corporation.
RELATED PARTS
TYPICAL APPLICATIO S
1/4 LT1817
RG
RQ
R
R1
RG
R
C
C
R1
RF
RF
R
VIN
GAIN =
1/4 LT1817
1/4 LT1817
BANDPASS
OUT
1/4 LT1817
181567 TA06a
R1
RQ
Q =
1
2
πRFC
fC =
DIFFERENTIAL
RECEIVE
SIGNAL
+
+
181567 TA07
PHONE
LINE
+ DRIVER
– DRIVER
5V
–5V
1/2 LT1816
1/2 LT1816
V+
V
Bandpass Filter with Independently Settable Gain, Q and fC
Differential DSL Receiver
FREQUENCY (Hz)
0
100k
1M
10M
181567 TA06b
R = 499
R1 = 499
RF = 511Ω
RQ = 49.9Ω
RG = 499Ω
C = 680pF
fC = 455kHz
Q = 10
GAIN = 1
VS = ±5V
VIN = 5VP-P
DISTORTION:
2nd < –76dB
3rd < –90dB
ACROSS FREQ
RANGE
NOISE:
≈60µV
OVER 1MHz
BANDWIDTH
455kHz Filter Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com