Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1815CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1815CS8
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1815CS8 Datasheet HTML 10Page - Linear Technology LT1815CS8 Datasheet HTML 11Page - Linear Technology LT1815CS8 Datasheet HTML 12Page - Linear Technology LT1815CS8 Datasheet HTML 13Page - Linear Technology LT1815CS8 Datasheet HTML 14Page - Linear Technology LT1815CS8 Datasheet HTML 15Page - Linear Technology LT1815CS8 Datasheet HTML 16Page - Linear Technology LT1815CS8 Datasheet HTML 17Page - Linear Technology LT1815CS8 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1815
LT1816/LT1817
181567fa
SI PLIFIED SCHE ATIC
181567 SS
OUT
+IN
–IN
BIAS
CONTROL
V+
V
LT1815S6/LT1816AMS ONLY
ISET
R1
C
TYPICAL APPLICATIO S
181567 TA03
VIN
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON MODE REJECTION
BW = 2MHz
R1
10k
R2
1k
R5
220
R4
10k
R3
1k
VOUT
+
+
+
1/2
LT1816
1/2
LT1816
GAIN
R
R
R
R
R
R
RR
R
=
+


+


+
+
()
=
4
3
1
1
2
2
1
3
4
23
5
102
Two Op Amp Instrumentation Amplifier
(one amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com