Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S-25C080AH Datasheet(PDF) 5 Page - ABLIC Inc.

Part # S-25C080AH
Description  105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-25C080AH Datasheet(HTML) 5 Page - ABLIC Inc.

  S-25C080AH Datasheet HTML 1Page - ABLIC Inc. S-25C080AH Datasheet HTML 2Page - ABLIC Inc. S-25C080AH Datasheet HTML 3Page - ABLIC Inc. S-25C080AH Datasheet HTML 4Page - ABLIC Inc. S-25C080AH Datasheet HTML 5Page - ABLIC Inc. S-25C080AH Datasheet HTML 6Page - ABLIC Inc. S-25C080AH Datasheet HTML 7Page - ABLIC Inc. S-25C080AH Datasheet HTML 8Page - ABLIC Inc. S-25C080AH Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_03_C
S-25C080A H Series
5
DC Electrical Characteristics
Table 8
Item
Symbol Condition
Ta =
−40°C to +105°C
Unit
VCC = 2.5 V to 3.0 V
fSCK = 3.5 MHz
VCC = 3.0 V to 4.5 V
fSCK = 5.0 MHz
VCC = 4.5 V to 5.5 V
fSCK = 6.5 MHz
Min.
Max.
Min.
Max.
Min.
Max.
Current consumption (READ) ICC1
No load at
SO pin
1.5
2.0
2.5
mA
Table 9
Item
Symbol Condition
Ta =
−40°C to +105°C
Unit
VCC = 2.5 V to 3.0 V
fSCK = 3.5 MHz
VCC = 3.0 V to 4.5 V
fSCK = 5.0 MHz
VCC = 4.5 V to 5.5 V
fSCK = 6.5 MHz
Min.
Max.
Min.
Max.
Min.
Max.
Current consumption (WRITE)
ICC2
No load at
SO pin
2.0
2.5
3.0
mA
Table 10
Item
Symbol
Condition
Ta =
−40°C to +105°C
Unit
VCC = 2.5 V to 4.5 V
VCC = 4.5 V to 5.5 V
Min.
Max.
Min.
Max.
Standby current consumption
ISB
CS = VCC,
SO = Open
Other inputs are
VCC or GND
8.0
10.0
μA
Input leakage current
ILI
VIN = GND to VCC
2.0
2.0
μA
Output leakage current
ILO
VOUT = GND to VCC
2.0
2.0
μA
Low level
output voltage
VOL1
IOL = 2.0 mA
0.4
V
VOL2
IOL = 1.5 mA
0.4
0.4
V
High level
output voltage
VOH1
IOH =
−2.0 mA
0.8
× VCC
V
VOH2
IOH =
−0.4 mA
0.8
× VCC
0.8
× VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com