Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F16843 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16843
Description  Double asymmetric beam for aisle and shelf lighting optimized for 1.0 mm metal sheet or profile. Variant made from PMMA..
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16843 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16843 Datasheet HTML 1Page - Ledil, Inc. F16843 Datasheet HTML 2Page - Ledil, Inc. F16843 Datasheet HTML 3Page - Ledil, Inc. F16843 Datasheet HTML 4Page - Ledil, Inc. F16843 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
F16843_LINNEA-Z2T25-PMMA
LINNEA-Z2T25-PMMA
Double asymmetric beam for aisle and shelf
lighting optimized for 1.0 mm metal sheet or
profile. Variant made from PMMA..
TECHNICAL SPECIFICATIONS:
Dimensions
285.0 x 40.0 mm
Height
10.3 mm
Fastening
clips
Colour
clear
Box size
578 x 378 x 295 mm
Box weight
8.6 kg
Quantity in Box
180 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LINNEA-Z2T25-PMMA
Linear lens
PMMA
clear
Last update: 08/08/2019
Subject to change without prior notice
Published: 19/08/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - F16843

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16842 LEDIL-F16842 Datasheet
3Mb / 10P
Asymmetric beam for wall-washing and 1.0 mm metal sheet or profile
F16844 LEDIL-F16844 Datasheet
3Mb / 4P
Double asymmetric beam for aisle and shelf lighting optimized for 0.5 mm metal sheet or profile. Variant made from PMMA..
F16845 LEDIL-F16845 Datasheet
3Mb / 9P
Asymmetric beam for uplighting optimized for 1.0 mm metal sheet or profile
More results

Similar Description - F16843

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F15999 LEDIL-F15999 Datasheet
2Mb / 9P
Double asymmetric beam optimized for 0.5 mm metal sheet or profile
C16663 LEDIL-C16663 Datasheet
2Mb / 4P
Double asymmetric beam for aisle and shelf lighting
F16816 LEDIL-F16816 Datasheet
3Mb / 2P
~35째 70째 oval beam optimized for 1.0 mm metal sheet or profile. Variant made from PMMA.
F16817 LEDIL-F16817 Datasheet
3Mb / 2P
~35째 70째 oval beam optimized for 0.5 mm metal sheet or profile. Variant made from PMMA.
F16844 LEDIL-F16844 Datasheet
3Mb / 4P
Double asymmetric beam for aisle and shelf lighting optimized for 0.5 mm metal sheet or profile. Variant made from PMMA..
F16858 LEDIL-F16858 Datasheet
2Mb / 6P
Double asymmetric beam for aisle and shelf lighting
DAISY-7X1-ZT25 LEDIL-DAISY-7X1-ZT25 Datasheet
6Mb / 6P
Asymmetric beam for aisle lighting.
DAISY-7X1-ZT25-D LEDIL-DAISY-7X1-ZT25-D Datasheet
6Mb / 6P
Asymmetric beam for aisle lighting
F16842 LEDIL-F16842 Datasheet
3Mb / 10P
Asymmetric beam for wall-washing and 1.0 mm metal sheet or profile
F16845 LEDIL-F16845 Datasheet
3Mb / 9P
Asymmetric beam for uplighting optimized for 1.0 mm metal sheet or profile
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com