Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FP16558 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP16558
Description  ~15째 spot beam with location pin installation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP16558 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP16558 Datasheet HTML 1Page - Ledil, Inc. FP16558 Datasheet HTML 2Page - Ledil, Inc. FP16558 Datasheet HTML 3Page - Ledil, Inc. FP16558 Datasheet HTML 4Page - Ledil, Inc. FP16558 Datasheet HTML 5Page - Ledil, Inc. FP16558 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FP16558_LISA3-RS-PIN
LISA3-RS-PIN
~15° spot beam with location pin installation
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 10.0 mm
Height
7.9 mm
Fastening
glue
Colour
black
Box size
310 x 230 x 60 mm
Box weight
1.3 kg
Quantity in Box
2000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LISA3-RS
Single lens
PMMA
clear
LISA3-HLD-PIN
Holder
PC
black
Last update: 24/01/2019
Subject to change without prior notice
Published: 21/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - FP16558

ManufacturerPart #DatasheetDescription
logo
Intelligent LED Solutio...
FP16558_LISA3-RS-PIN ILS-FP16558_LISA3-RS-PIN Datasheet
1Mb / 11P
Stanley 1 IR PowerStar Double Stack
Version V1
FP16558_LISA3-RS-PIN ILS-FP16558_LISA3-RS-PIN Datasheet
1Mb / 11P
Stanley 1 IR PowerStar Far Red
Version V1
More results

Similar Description - FP16558

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11552 LEDIL-C11552_18 Datasheet
2Mb / 5P
~15째 spot beam
C12607 LEDIL-C12607 Datasheet
7Mb / 7P
~15째 spot beam
C16899 LEDIL-C16899 Datasheet
2Mb / 5P
~15째 spot beam
C16907 LEDIL-C16907 Datasheet
2Mb / 5P
~15째 spot beam
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
C16819 LEDIL-C16819 Datasheet
2Mb / 6P
~15째 spot beam
C16823 LEDIL-C16823 Datasheet
2Mb / 6P
~15째 spot beam
C12476 LEDIL-C12476 Datasheet
12Mb / 24P
~15째 spot beam
C14678 LEDIL-C14678 Datasheet
2Mb / 7P
~15째 spot beam
FP17001 LEDIL-FP17001 Datasheet
1Mb / 4P
~15째 spot beam. Assembly with installation adapter.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com