Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FDR2020WS Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR2020WS
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR2020WS Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR2020WS Datasheet HTML 1Page - First Silicon Co., Ltd FDR2020WS Datasheet HTML 2Page - First Silicon Co., Ltd FDR2020WS Datasheet HTML 3Page - First Silicon Co., Ltd FDR2020WS Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FDR2020WS
2016. 07. 13
1/4
Revision No : 0
SCHOTTKY BARRIER DIODE
FEATURES
Low Forward Voltage Drop
Very Small SMD Package
APPLICATIONS
Low Voltage Rectification
High Efficiency DC/DC Conversion
Switch Mode Power Supply
Inverse Polarity Protection
Low Power Consumption Applications
MARKING: SH
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
a
r
a
P
l
o
b
m
y
S
meter
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
V
0
2
VR(RMS)
RMS Reverse Voltage
14
V
IF
Continuous Forward Current
2
A
IFSM
Non-repetitive Peak Forward Surge Current @ t=8.3ms
9
A
250
PD
Power Dissipation
Note1
480
mW
Thermal Resistance from Junction to Ambient
Note1
400
RΘJA
Note2
208
℃/W
Tj
Junction Temperature
125
Tstg
Storage Temperature
-55~+150
1: Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
2. Device mounted on an FR4 PCB with copper pad 10 x 10 mm.
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
V(BR)
IR
0
2
A
m
1
=
V
VR
V
0
1
=
80
Reverse current
IR
VR
V
0
2
=
100
μA
IF
A
1
=
0.45
Forward voltage
VF*
IF
A
2
=
0.55
V
Total capacitance
Ctot
VR=4V,f=
z
H
M
1
120
pF
*Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SOD-323
The marking bar indicates the cathode
Solid dot = Green molding compound device,if none,
the normal device.
Note2


Similar Part No. - FDR2020WS

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FDR20 FCI-FDR20 Datasheet
131Kb / 2P
20 & 30 Amp AUTOMOTIVE DISH RECTIFIERS
FDR20/3001 FCI-FDR20/3001 Datasheet
131Kb / 2P
20 & 30 Amp AUTOMOTIVE DISH RECTIFIERS
FDR20/3002 FCI-FDR20/3002 Datasheet
131Kb / 2P
20 & 30 Amp AUTOMOTIVE DISH RECTIFIERS
FDR20/3003 FCI-FDR20/3003 Datasheet
131Kb / 2P
20 & 30 Amp AUTOMOTIVE DISH RECTIFIERS
FDR20/3004 FCI-FDR20/3004 Datasheet
131Kb / 2P
20 & 30 Amp AUTOMOTIVE DISH RECTIFIERS
More results

Similar Description - FDR2020WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com