Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB30532ZLEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3USB30532ZLEX
Description  3.3V, USB3.0/DP1.2 6:4 Matrix Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB30532ZLEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3USB30532ZLEX Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A product Line of
Diodes Incorporated
diodes.com | 1-408-232-9100
PRODUCT BRIEF
TIMING SOLUTIONS
SIGNAL INTEGRITY SOLUTIONS
SWITCHING SOLUTIONS
CONNECTIVITY SOLUTIONS
DISPLAY/VIDEO SOLUTIONS
PI3USB30532
3.3V, USB3.0/DP1.2 6:4 Matrix Switch
Diodes Incorporated PI3USB30532 is a 6:4 differential channel
bi-directional matrix switch solution for switching USB3.0 and/or
DP1.2 signals through USB3.0 Type-C connector.
It multiplexes either 1 lane of USB3.0, 1 lane of USB3.0 and 2 channels
of DP1.2 or 4 channels of DP1.2 to the USB Type C connector.
In addition, AUX± channels are also multiplexed to the Type C
connector. PI3USB30532 offers excellent signal integrity for
high-speed signals and low power dissipation. Insertion loss is
-1.2dB and return loss is -21dB at 5Gb/s speed of USB3.0.
Features
Description
¼
¼
6 Differential Channel to 2/4 Differential Channel Matrix Switch
¼
¼
USB 3.0 5Gb/s Super Speed and DP 1.2 5.4Gb/s switching
¼
¼
to USB Type-C connector
¼
¼
Supports either pin control or I2C control to configure the mux
¼
¼
Low insertion loss: -1.2dB @ 5Gb/s
¼
¼
Return loss: -21dB @ 5Gb/s
¼
¼
-3dB Bandwidth : 6GHz
¼
¼
Multiplexes one of the following to USB Type C connector:
à
USB3.0 signal only
à
One lane of USB3.0 signal and 2 channels of DP1.2
or 4-channels of DP1.2 signal.
¼
¼
With DP1.2 operating, AUX+ and AUX- are muxed to SBU pins.
Max swing on SBU pins are from -0.35V to 3.95V
¼
¼
3.0V to 3.6V Power Supply.
¼
¼
Industrial Temperature Range: -40oC to 85oC
¼
¼
Packaging (Pb-free & Green):
– 40- contact, TQFN(3 x6mm)
Block Diagram
Application
Detection
Control
Type C connector
Tx1, Rx1
D0 -D3
AUXHPD+
AUXHPD-
Tx2, Rx2
SBU1, SBU2
CC1
CC2
I2C
I2C
I2C
D+,D-
D+,D-
Vbus
D+,D-
UART
D+,D-
(top &
Bottom)
PI3USB30532
Type C Crossbar
Crossbar
Tx-Rx
PI3USB9281A
(Device Side)
PI5USB2544/46
(Host Side)
2x4 Xbar
PI3DBS3224
USB 3.0
System
MPU
controller
DB
PI2EQXDP1201
4-Channel
DP1.2 ReDriver
PI2EQX502E (1.8V)
2-Channel USB 3.0
ReDriver/Repeater
Notebook PC
¼
Î
Routing USB3.0 SuperSpeed and DP1.2 signals through the
USB Type C Connector.
¼
Î
Applications include Ultrabook, 2 in 1 Notebook, Tablet, Mobile
Workstation, All In One PC, Monitor, Docking Station, Phone
Applications
Mode
Conf2/SDA
Conf1/SCL
Conf0/A1
A0
I2C
Register &
Control
SBU1/SBU2
SBU2/SBU1
TX+/RX+
TX-/RX-
RX+/TX+
RX-/TX-
DP0+
DP0-
DP1+
DP1-
DP2+
DP2-
DP3+
DP3-
TX1+/RX1+
TX1-/RX1-
RX1+/TX1+
RX1-/TX1-
TX2+/RX2+
TX2-/RX2-
RX2+/TX2+
RX2-/TX2-
Control Decode
CONF0
CONF1
CONF2
AUX+
AUX-
100KΩ
100KΩ
100KΩ
100KΩ
100KΩ
100KΩ
100KΩ
100KΩ


Similar Part No. - PI3USB30532ZLEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3USB302-AZBE PERICOM-PI3USB302-AZBE Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3USB302-AZBEX PERICOM-PI3USB302-AZBEX Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
logo
Diodes Incorporated
PI3USB3031 DIODES-PI3USB3031 Datasheet
1Mb / 10P
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
Rev 3-2 January 2024
PI3USB3031 DIODES-PI3USB3031 Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
More results

Similar Description - PI3USB30532ZLEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8540 PHILIPS-TDA8540 Datasheet
131Kb / 20P
4 X 4 video switch matrix
1995 Feb 06
logo
Pericom Semiconductor C...
PI2B4300 PERICOM-PI2B4300 Datasheet
95Kb / 4P
2.5V/3.3V 4-Bit , 3-Port Matrix Switch
logo
DAICO Industries, Inc.
CSWM9125 DAICO-CSWM9125 Datasheet
45Kb / 1P
Switch Matrix
logo
JFW Industries, Inc.
50MS-232 JFW-50MS-232 Datasheet
27Kb / 1P
MATRIX SWITCH
logo
Pericom Semiconductor C...
PI3USB3102 PERICOM-PI3USB3102 Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
logo
JFW Industries, Inc.
50MS-340 JFW-50MS-340_18 Datasheet
31Kb / 2P
MATRIX SWITCH
75MS-030 JFW-75MS-030 Datasheet
37Kb / 2P
2 x 6 BLOCKING SWITCH MATRIX
logo
Maxim Integrated Produc...
MAX14724PMB1 MAXIM-MAX14724PMB1 Datasheet
585Kb / 7P
8:4 Matrix Switch Multiplexer
Rev 1; 2/19
logo
Diodes Incorporated
PI3USB3102 DIODES-PI3USB3102 Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
11/09/12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com