Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC560ALM3 Datasheet(PDF) 21 Page - Analog Devices

Part # HMC560ALM3
Description  22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC560ALM3 Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC560ALM3 Datasheet HTML 14Page - Analog Devices HMC560ALM3 Datasheet HTML 15Page - Analog Devices HMC560ALM3 Datasheet HTML 16Page - Analog Devices HMC560ALM3 Datasheet HTML 17Page - Analog Devices HMC560ALM3 Datasheet HTML 18Page - Analog Devices HMC560ALM3 Datasheet HTML 19Page - Analog Devices HMC560ALM3 Datasheet HTML 20Page - Analog Devices HMC560ALM3 Datasheet HTML 21Page - Analog Devices HMC560ALM3 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
HMC560ALM3
Rev. 0 | Page 21 of 22
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 61 shows the typical application circuit for the
HMC560ALM3. The HMC560ALM3 is a passive device and
does not require any external components. The LO and RF pins
are internally ac-coupled. When IF operation is not required
until dc, it is recommended to use an ac-coupled capacitor at
the IF port.
PACKAGE
BASE
4
RF
GND
3
2
1
6
LO
5
HMC560ALM3
Figure 61. Typical Application Circuit
EVALUATION PCB INFORMATION
The PCB used in this application must use RF circuit design
techniques. Signal lines must have 50 Ω impedance, and the
package ground lead and exposed pad must be connected
directly to the ground planes. The grounded coplanar wave
guide (CPWG) PCB input/output transitions allow the use of
ground signal ground (GSG) probes for testing. The suggested
probe pitch is 400 mm (16 mils). The evaluation circuit board
shown in Figure 62 is available from Analog Devices, Inc., upon
request.
Figure 62. EV1HMC560ALM3 Evaluation PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com