| Electronic Components Datasheet Search |
|
05200071 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
05200071 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 8 page ![]() testo 922 www.testo.com Data sheet testo 922 is a temperature measuring instrument which is especially suited to applications in the HVAC field. The measuring instrument records the temperature values of two connected thermocouple probes, and shows these simultaneously together with the differential temperature in the display. Measurement data transfer by radio additionally allows the measurement value from a further temperature probe to be displayed wirelessly. With the TopSafe, and the probe plugged in, the measuring instrument has protection class IP65. The instrument continuously displays the minimum and maximum values. The measurement values shown in the display (current measurement value, fixed measurement value or the minimum/maximum value) can be printed out on site using the Testo report printer (optional). In addiition to this, the measurement values can be cyclically printed – the intervals can be individually set. Ideally suited for applications in the HVAC field 2-channel temperature measuring instrument with optional wireless probes Display of differential temperature TopSafe, the indestructible protective cover, protects from dirt and impact Continuous display of min./max. values Hold-button for freezing measurement values Cyclic printing of measurement values, e.g. once per minute Temperature measuring instrument (2-channel) testo 922 – For fast (differential) temperature measurement °C |
Similar Part No. - 05200071 |
|
Similar Description - 05200071 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |