Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS5000FP Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS5000FP Datasheet HTML 5Page - Dallas Semiconductor DS5000FP Datasheet HTML 6Page - Dallas Semiconductor DS5000FP Datasheet HTML 7Page - Dallas Semiconductor DS5000FP Datasheet HTML 8Page - Dallas Semiconductor DS5000FP Datasheet HTML 9Page - Dallas Semiconductor DS5000FP Datasheet HTML 10Page - Dallas Semiconductor DS5000FP Datasheet HTML 11Page - Dallas Semiconductor DS5000FP Datasheet HTML 12Page - Dallas Semiconductor DS5000FP Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DS5000FP
9 of 22
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………...………-0.3V to + (VCC + 0.5V)
Voltage Range on VCC Relative to Ground…………………….……….……………………..………-0.3V to +7.0V
Operating Temperature Range………………………………….….………………………………..…..0°C to +70°C
Storage Temperature Range……………………………………...………………………………..…..-40°C to +70°C
Soldering Temperature Range……………………………………………..See IPC/JEDEC J-STD-020 Specification
This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time can affect reliability.
DC CHARACTERISTICS
(VCC = 5V
±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Low Voltage
VIL
-0.3
0.8
V
1
Input High Voltage
VIH1
2.0
VCC +0.3
V
1
Input High Voltage RST, XTAL1
VIH2
3.5
VCC + 0.3
V
1
Output Low Voltage
at IOL = 1.6mA (Ports 1, 2, 3)
VOL1
0.15
0.45
V
Output Low Voltage
at IOL = 3.2mA (Ports 0, ALE, PSEN ,
BA14–BA0, BD7–BD0, R/
W, CE1-2)
VOL2
0.15
0.45
V
1
Output High Voltage
at IOH = -80
mA (Ports 1, 2, 3)
VOH1
2.4
4.8
V
1
Output High Voltage
at IOH = -400
mA (Ports 0, ALE, PSEN,
BA14–BA0, BD7–BD0, R/
W, CE1-2)
VOH2
2.4
4.8
V
1
Input Low Current VIN = 0.45V
(Ports 1, 2, 3)
IIL
-50
mA
Transition Current; 1 to 0
VIN = 2.0V (Ports 1, 2, 3)
ITL
-500
mA
Input Leakage Current
0.45 < VIN < VCC (Port 0)
IL
±10
mA
RST, EA Pulldown Resistor
RRE
40
125
k
W
Stop Mode Current
ISM
80
mA
4
Power-Fail Warning Voltage
VPFW
4.15
4.6
4.75
V
1, 6
Minimum Operating Voltage
VCCmin
4.05
4.5
4.65
V
1, 6
Operating Voltage
VCC
VCC(MIN)
5.5
V
1, 6
Lithium Supply Voltage
VLI
2.9
3.3
V
1
Programming Supply Voltage
(Parallel Program Mode)
VPP
12.5
13
V
1
Program Supply Current
IPP
15
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com