Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAT3604 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT3604 Datasheet HTML 1Page - Catalyst Semiconductor CAT3604 Datasheet HTML 2Page - Catalyst Semiconductor CAT3604 Datasheet HTML 3Page - Catalyst Semiconductor CAT3604 Datasheet HTML 4Page - Catalyst Semiconductor CAT3604 Datasheet HTML 5Page - Catalyst Semiconductor CAT3604 Datasheet HTML 6Page - Catalyst Semiconductor CAT3604 Datasheet HTML 7Page - Catalyst Semiconductor CAT3604 Datasheet HTML 8Page - Catalyst Semiconductor CAT3604 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT3604
5
Doc. No. 5008, Rev. I
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
s
e
n
i
L
l
o
r
t
n
o
Cs
t
u
p
t
u
O
D
E
L
2
R
T
C1
R
T
C0
R
T
C4
D
E
L3
D
E
L2
D
E
L1
D
E
L
00
0
-
-
-
N
O
00
1
-
-
N
O-
01
0
-
N
O-
-
01
1
N
O-
-
-
10
0
-
-
N
ON
O
10
1
-
N
ON
ON
O
11
0
N
ON
ON
ON
O
11
1
-
-
-
-
Table 2: LED Selection
Notes: 1 = logic high (or VIN)
0 = logic low (or GND)
- = LED output OFF
SHORT CIRCUIT DETECT/DISABLE
The unused LED channels can also be turned off by
connecting the respective LED pins to VOUT. In
which case, the corresponding LED driver is disabled
and the typical LED sink current is only about 20
µA.
When the following equation is true on any channel,
the driver turns off the LED channel:
VOUT - VLED
≤ 1V (LED channel OFF)
Note: The CAT3604 is designed to drive LEDs with
forward voltage greater than 1V and is not compatible
with resistive loads.
LED CURRENT SETTING
The LED current is set by the external resistor RSET
connected between the RSET pin and ground.
Table 1 lists various LED currents and the associ-
ated RSET resistor value for standard 1% precision
surface mount resistors.
)
A
m
(
t
n
e
r
r
u
C
D
E
LR
T
E
S
k
(
Ω)
19
4
6
27
8
2
52
0
1
0
19
.
9
4
5
14
.
2
3
0
27
.
3
2
0
34
.
5
1
Table 1. RSET Resistor Selection
The digital control lines CTR0, CTR1 adn CTR2
allow to turn On or Off a combition of LEDs as
shown in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com