Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFG1000 Datasheet(PDF) 8 Page - TEKTRONIX, INC.

Part # AFG1000
Description  Arbitrary/Function Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

AFG1000 Datasheet(HTML) 8 Page - TEKTRONIX, INC.

Back Button AFG1000 Datasheet HTML 4Page - TEKTRONIX, INC. AFG1000 Datasheet HTML 5Page - TEKTRONIX, INC. AFG1000 Datasheet HTML 6Page - TEKTRONIX, INC. AFG1000 Datasheet HTML 7Page - TEKTRONIX, INC. AFG1000 Datasheet HTML 8Page - TEKTRONIX, INC. AFG1000 Datasheet HTML 9Page - TEKTRONIX, INC. AFG1000 Datasheet HTML 10Page - TEKTRONIX, INC. AFG1000 Datasheet HTML 11Page - TEKTRONIX, INC. AFG1000 Datasheet HTML 12Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Display
Display type
3.95-inch
Display resolution
480 by 320
Display colors
65,536
Menu and online help languages
Menu and online help languages
English and Simplified Chinese
Power source
Supply
220-240 VAC, 100-120 VAC, 50/60 Hz, CATⅡ
Consumption
AFG1022: Less than 28 W
AFG1062: Less than 35 W
Fuse
110 V: 250 V, F1AL
220 V: 250 V, F0.5AL
Warm-up time
30 minutes (typical)
Physical characteristics
Dimensions (W, H, D)
230 × 110 × 306 mm (9.0 × 4.4 × 12.1 in)
Weight
Net
3.4 kg (7.5 lbs)
Shipping
4.7 kg (10.3 lbs)
EMC environment and safety
Temperature
Working
0
℃ to 40 ℃ (32 °F to 104 °F)
Storage
-20
℃ to 60 ℃ (-4 °F to 144 °F)
Relative humidity (non-
condensing)
Operating: ≤ 80%, +0 °C to +40 °C (+32 °F to +104 °F)
Non-operating: 5% to 90%, < +40 °C (+104 °F)
Non-operating: 5% to 80%, ≥ +40 °C (+104 °F) to ≤ +60 °C (+140 °F)
Altitude
Operating: up to 3,000 m (9843 ft.)
Non-operating: up to 12,000 m (39,370 ft)
Cooling method
Fan cooling
EMC compliance
European Union
EN 61326-1
Australia/NZ
CISPR 11, Class A
Datasheet
8 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com