Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS93776 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS93776
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93776 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS93776 Datasheet HTML 1Page - Integrated Circuit Systems ICS93776 Datasheet HTML 2Page - Integrated Circuit Systems ICS93776 Datasheet HTML 3Page - Integrated Circuit Systems ICS93776 Datasheet HTML 4Page - Integrated Circuit Systems ICS93776 Datasheet HTML 5Page - Integrated Circuit Systems ICS93776 Datasheet HTML 6Page - Integrated Circuit Systems ICS93776 Datasheet HTML 7Page - Integrated Circuit Systems ICS93776 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICS93776
0793A—03/08/05
Block Diagram
Low Cost DDR Phase Lock Loop Zero Delay Buffer
Pin Configuration
Recommended Application:
DDR Zero Delay Clock Buffer
Product Description/Features:
Low skew, low jitter PLL clock driver
Max frequency supported = 266MHz (DDR 533)
•I
2C for functional and output control
Feedback pins for input to output synchronization
Spread Spectrum tolerant inputs
3.3V tolerant CLK_INT/C input
Switching Characteristics:
CYCLE - CYCLE jitter: <100ps
OUTPUT - OUTPUT skew: <100ps
DUTY CYCLE: 48% - 52%
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
DDRC0
1
28 GND
DDRT0
2
27 DDRC5
VDD
3
26 DDRT5
DDRT1
4
25 DDRC4
DDRC1
5
24 DDRT4
GND
6
23 VDD
SCLK
7
22 SDATA
CLK_INT
8
21 FB_INC
CLK_INC
9
20 FB_INT
VDDA 10
19 FB_OUTT
GND 11
18 FB_OUTC
VDD 12
17 DDRT3
DDRT2 13
16 DDRC3
DDRC2 14
15 GND
28-Pin 209mil SSOP
Functionality
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
AT
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
F
V
5
.
2
)
m
o
n
(
LL
H
L
n
o
V
5
.
2
)
m
o
n
(
HH
L
H
n
o
FB_INT
FB_INC
CLK_INT
CLK_INC
SCLK
SCLK
SD
SDA
AT
TA
A
Control
Control
Logic
Logic
FB_OUTT
FB_OUTC
DDRC0
DDRC0
PLL
PLL
DDRT0
DDRT0
DDRC1
DDRC1
DDRT1
DDRT1
DDRC2
DDRC2
DDRT2
DDRT2
DDRC3
DDRC3
DDRT3
DDRT3
DDRC4
DDRC4
DDRT4
DDRT4
DDRC5
DDRC5
DDRT5
DDRT5


Similar Part No. - ICS93776

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
DDR Phase Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
DDR Phase Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS93701YGT ICST-ICS93701YGT Datasheet
175Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
More results

Similar Description - ICS93776

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93722 ICST-ICS93722 Datasheet
54Kb / 6P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
93722 RENESAS-93722 Datasheet
240Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
REV G 10/05/10
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com