| Electronic Components Datasheet Search |
|
PCMF3USB30 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PCMF3USB30 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved |
|
3 / 23 page ![]() © Nexperia B.V. 2017. All rights reserved PCMFXUSB30_SER All information provided in this document is subject to legal disclaimers. Product data sheet Rev. 1 — 01 April 2016 3 of 23 Nexperia PCMFxUSB30 series Common-mode EMI filter for differential channels with ESD protection 3. Ordering information 4. Marking 5. Limiting values Table 3. Ordering information Type number Package Name Description Version PCMF1USB30 WLCSP5 wafer level chip-size package; 5 bumps (2-1-2) PCMF1USB30 PCMF2USB30 WLCSP10 wafer level chip-size package; 10 bumps (4-2-4) PCMF2USB30 PCMF3USB30 WLCSP15 wafer level chip-size package; 15 bumps (6-3-6) PCMF3USB30 Table 4. Marking codes Type number Marking code PCMF1USB30 PF1S PCMF2USB30 PF2S PCMF3USB30 PF3S Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VI input voltage 0.5 5 V VESD electrostatic discharge voltage IEC 61000-4-2, level 4; all input pins to ground contact discharge 15 15 kV air discharge 15 15 kV IEC 61000-4-2, level 4; all output pins to ground contact discharge 22 kV air discharge 22 kV IPPM rated peak pulse current tp =8/20 s 77 A Tstg storage temperature 40 +125 C Tamb ambient temperature 40 +85 C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |