Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC4201 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4201
Description  Multi-Phase Link Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4201 Datasheet(HTML) 8 Page - Semtech Corporation

  SC4201 Datasheet HTML 1Page - Semtech Corporation SC4201 Datasheet HTML 2Page - Semtech Corporation SC4201 Datasheet HTML 3Page - Semtech Corporation SC4201 Datasheet HTML 4Page - Semtech Corporation SC4201 Datasheet HTML 5Page - Semtech Corporation SC4201 Datasheet HTML 6Page - Semtech Corporation SC4201 Datasheet HTML 7Page - Semtech Corporation SC4201 Datasheet HTML 8Page - Semtech Corporation SC4201 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4201
Evaluation Board Schematic
A Out
B Out
C Out
D Out
Sync
R2
100K
+3 to 6V
C3
22pF
C4
22pF
C5
22pF
C6
22pF
J1
R1
15k
R3
1k
C2
0.1
C1
1.0
RT
1
VDD
2
SYNC
3
D
7
GND
8
B
5
C
6
A
4
U1
SC4201
Run - Sync
3 Phase - 4 Phase
Top View
Layout



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com