Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PESD2USB30 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PESD2USB30
Description  ESD protection for differential data lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2USB30 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PESD2USB30 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD2USB30 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD2USB30 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2USB30 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2USB30 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2USB30 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2USB30 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2USB30 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2USB30 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
PESDXUSB30_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 26 April 2016
5 of 19
Nexperia
PESDxUSB30 series
ESD protection for differential data lines
Fig 1.
Differential mode insertion loss; typical values
Fig 2.
Differential cross-talk; typical values
tr =200 ps
Fig 3.
Differential Time Domain Reflectometer (TDR) plot; typical values
aaa-021319
-3
-5
-1
1
Sdd21
(dB)
-7
f (Hz)
107
1011
1010
108
109
S21dd pin 5 - 6
S21dd pin 1 - 2
aaa-021320
-40
-60
-20
0
Sdd21
(dB)
-80
f (Hz)
108
1011
1010
109
S21dd A3-A4 > C1-C2
S21dd A5-A6 > C1-C2
t (ns)
40.70
4.13
40.11
40.90
aaa-021321
95
105
115
Zdif
(Ω)
85
Z reference
Z DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com