Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBTSA812 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSA812
Description  PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSA812 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSA812 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSA812 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSA812 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBTSA812
PNP Transistor
www.pingjingsemi.com
1 / 3
Revison:1.0 Sep-2018
Ratings at 25
℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
60
V
Collector Emitter Voltage
-VCEO
50
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
100
mA
Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55 to 150
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 6 V, -IC = 1 mA
Gain Group
O
Y
G
L
HFE
90
135
200
300
-
-
-
-
180
270
400
600
-
-
-
-
Collector Base Cutoff Current
at -VCB = 60 V
-ICBO
-
-
100
nA
Emitter Base Cutoff Current
at -VEB = 5 V
-IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at -IC
= 100 μA
-V(BR)CBO
60
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V(BR)CEO
50
-
-
V
Emitter Base Breakdown Voltage
at -IE = 100
μA
-V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at -IC = 100 mA, -IB = 10 mA
-VCE(sat)
-
-
0.3
V
Transition Frequency
at -VCE = 6 V, -IC = 10 mA
fT
-
180
-
MHz
Collector Output Capacitance
at -VCB = 10 V, f = 1 MHz
Cob
-
4.5
-
pF
Features
⚫
High DC current gain.
⚫
High voltage
⚫
The transistor is subdivided into four groups O, Y, G and L,
according to its DC current gain.
Absolute Maximum Ratings
Electrical Characteristics (TA=25℃)
SOT-23
1.Base 2.Emitter 3.Collector
Marking Code: O: M4
Y: M5
G: 3F
L: M7


Similar Part No. - MMBTSA812

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTSA812 SEMTECH_ELEC-MMBTSA812 Datasheet
346Kb / 4P
PNP Silicon Epitaxial Planar Transistors
logo
Goodwork Semiconductor ...
MMBTSA812 GWSEMI-MMBTSA812 Datasheet
1Mb / 4P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - MMBTSA812

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com