Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBTSA812L Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSA812L
Description  PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSA812L Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSA812L Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSA812L Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSA812L Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBTSA812
PNP Transistor
www.pingjingsemi.com
2 / 3
Revison:1.0 Sep-2018
Electrical Characteristics Curves
0
25
125
150
0
50
100
150
200
250
-1
-10
-100
10
100
1000
-0.1
-1
-10
1
10
-1
-100
-10
-100
-1
-100
0
100
200
300
400
500
600
-0
-2
-4
-6
-8
-0
-1
-2
-3
-4
50
75
100
AMBIENT TEMPERATURE Ta (℃)
Pc
——
Ta
f
T
—— I
C
COMMON EMITTER
V
CE=-6V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
h
FE
——
20
C
ob
C
ib
f=1MHz
I
E=0/ IC=0
Ta=25
oC
REVERSE VOLTAGE V (V)
-20
C
ob
/ C
ib
——
V
CB
/ V
EB
V
CEsat
——
I
C
Ta=25℃
Ta=100℃
β=10
-200
-10
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-6V
Ta=25
oC
Ta=100
oC
I
C
-10
COLLECTOR CURRENT I
C
(mA)
Static Characteristic
COMMON EMITTER
T
a=25
℃
-9uA
-8.1uA
-7.2uA
-6.3uA
-5.4uA
-4.5uA
-3.6uA
-2.7uA
-1.8uA
I
B=-0.9uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com