Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-40C Datasheet(PDF) 1 Page - CUI INC

Part # VOF-40C
Description  AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-40C Datasheet(HTML) 1 Page - CUI INC

  VOF-40C Datasheet HTML 1Page - CUI INC VOF-40C Datasheet HTML 2Page - CUI INC VOF-40C Datasheet HTML 3Page - CUI INC VOF-40C Datasheet HTML 4Page - CUI INC VOF-40C Datasheet HTML 5Page - CUI INC VOF-40C Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 10/28/2019
page 1 of 6
SERIES: VOF-40C
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
VOF-40C-S3
3.3
0
8000
26.4
100
76
VOF-40C-S5
5
0
8000
40
100
82
VOF-40C-S9
9
0
4444
40
100
84
VOF-40C-S12
12
0
333
40
100
84
VOF-40C-S15
15
0
2667
40
100
86
VOF-40C-S24
24
0
1667
40
100
86
VOF-40C-S48
48
0
833
40
100
87
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, with 1 µF ceramic and 10 µF electrolytic capacitors on the output.
2. At 230 Vac input.
3. All specifications are measured at Ta=25°C, humidity <75%, nominal input voltage, and rated output load unless otherwise specified.
FEATURES
• universal input voltage range (85~264 VAC)
• 3 × 2 x 1.2 in (76.2 x 50.8 x 30 mm)
• class B EMI performance, meets CISPR32 / EN55032
• output short circuit, overcurrent & overvoltage protection
• safety certified: IEC/EN/UL 62368
PART NUMBER KEY
Base Number
VOF-40C - SXX
Output Voltage
Additional Resources: Product Page


Similar Part No. - VOF-40C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-40C CUI-VOF-40C Datasheet
1Mb / 6P
AC-DC POWER SUPPLY
05/13/2021
VOF-40C-S12 CUI-VOF-40C-S12 Datasheet
1Mb / 6P
AC-DC POWER SUPPLY
05/13/2021
VOF-40C-S15 CUI-VOF-40C-S15 Datasheet
1Mb / 6P
AC-DC POWER SUPPLY
05/13/2021
VOF-40C-S24 CUI-VOF-40C-S24 Datasheet
1Mb / 6P
AC-DC POWER SUPPLY
05/13/2021
VOF-40C-S3 CUI-VOF-40C-S3 Datasheet
1Mb / 6P
AC-DC POWER SUPPLY
05/13/2021
More results

Similar Description - VOF-40C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com