Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCMS-39X2 Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # HCMS-39X2
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-39X2 Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button HCMS-39X2 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 22Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Appendix D. Refresh Circuitry
This display driver consists of 20
one-of-eight column decoders and
20 constant current sources, 1
one-of-eight row decoder and
eight row sinks, a pulse width
modulation control block, a peak
current control block, and the
circuit to refresh the LEDs. The
refresh counters and oscillator
are used to synchronize the
columns and rows.
The 160 bits are organized as 20
columns by 8 rows. The IC
illuminates the display by
sequentially turning ON each of
the 8 row-drivers. To refresh the
display once takes 512 oscillator
cycles. Because there are eight
row drivers, each row driver is
selected for 64 (512/8) oscillator
cycles. Four cycles are used to
briefly blank the display before
the following row is switched on.
Thus, each row is ON for 60
oscillator cycles out of a possible
64. This corresponds to the
maximum LED on time.
Figure 10. Relative luminous Intensity versus ambient temperature.
0
-50
AMBIENT TEMPERATURE – °C
2.0
1.6
1.4
1.0
0.6
0.2
100
50
0
ORANGE
RED
0.4
0.8
1.2
1.8
Appendix F. Reference
Material
Application Note 1027:
Soldering LED Components
Application Note 1015: Contrast
Enhancement Techniques for
LED Displays
Appendix E. Display
Brightness
Two ways have been shown to
control the brightness of this
LED display: setting the peak
current and setting the duty
factor. Both values are set in
Control Word 0. To compute the
resulting display brightness when
both PWM and peak current
control are used, simply multiply
the two relative brightness
factors. For example, if Control
Register 0 holds the word
1001101, the peak current is
73% of full scale (BIT D5=L, BIT
D4 = L) and the PWM is set to
60% duty factor (BIT D3 = H,
BIT D2 = H, BIT D1 = L, BIT D0
= H). The resulting brightness is
44% (.73 x .60 = .44) of full
scale.
The temperature of the display
will also affect the LED bright-
ness as shown in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com