Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

798765D3 Datasheet(PDF) 1 Page - Adels-Contact

Part # 798765D3
Description  AC 169 REST/ 5 M25 DALI blue
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

798765D3 Datasheet(HTML) 1 Page - Adels-Contact

  798765D3 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30/12/2019
Circular Plug Connectors IP68
Circular Plug Connectors AC 169 kompakt
AC 169 REST/ 5 M25 DALI blue
Panel Mount Plug, 5 pole, Voltage Rating: 450 V, Current Rating: 17.5 A, Cross-Section: 1.5 mm²
Order Info
Reference Number (ref. no.)
798765D3
PU
200
Type
Type
Panel Mount Plug
Number of poles
5 pole
Clamping Units per Pole
1
Colour
blue
Cross-Section
1.5 mm²
Connection Type
Screw
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
450 V
Current Rating
17.5 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
1.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
IP Code
IP68
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.0 mm
Dismantling Length
20.0 mm
Assembly Contact Screw
0.5x3.0 / 0.2 Nm
Housing Hole Diameter
M25


Similar Part No. - 798765D3

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
798715D3 ADELS-798715D3 Datasheet
113Kb / 1P
AC 169 REST/ 5 M20 DALI blue
30/12/2019
logo
Amphenol Corporation
79875 AMPHENOL-79875 Datasheet
706Kb / 1P
TNC Plugs
79875 AMPHENOL-79875 Datasheet
706Kb / 1P
TNC Plugs
79875-RFX AMPHENOL-79875-RFX Datasheet
706Kb / 1P
TNC Plugs
79875-RFX AMPHENOL-79875-RFX Datasheet
706Kb / 1P
TNC Plugs
More results

Similar Description - 798765D3

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
728715D3 ADELS-728715D3 Datasheet
124Kb / 2P
AC 169 REST/ 5 M20
30/12/2019
728764 ADELS-728764 Datasheet
131Kb / 2P
AC 169 REST/ 4 M25
30/12/2019
728764S2 ADELS-728764S2 Datasheet
132Kb / 2P
AC 169 REST/ 4-2 M25
30/12/2019
728764S3 ADELS-728764S3 Datasheet
132Kb / 2P
AC 169 REST/ 4-3 M25
30/12/2019
728764WS ADELS-728764WS Datasheet
114Kb / 1P
AC 169 REST/ 4 M25 LWD
30/12/2019
728765D3 ADELS-728765D3 Datasheet
125Kb / 2P
AC 169 REST/ 5 M25
30/12/2019
792015D3 ADELS-792015D3 Datasheet
114Kb / 2P
AC 169 RST/ 5 DALI blue
30/12/2019
795015D3 ADELS-795015D3 Datasheet
114Kb / 2P
AC 169 RBU/ 5 DALI blue
30/12/2019
798715D3 ADELS-798715D3 Datasheet
113Kb / 1P
AC 169 REST/ 5 M20 DALI blue
30/12/2019
798865D3 ADELS-798865D3 Datasheet
113Kb / 1P
AC 169 REBU/ 5 M25 DALI blue
30/12/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com