Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DCPUSWIV Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DCPUSWIV
Description  Under-Desk CPU Mount for Computer Towers - Width and Height Adjustable, 180-Degree Swivel, Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DCPUSWIV Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DCPUSWIV Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DCPUSWIV Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Under-Desk CPU Mount for Computer Towers -
Width and Height Adjustable, 180-Degree Swivel,
Black
MODEL NUMBER: DCPUSWIV
Secures your PC case beneath your desktop, freeing up valuable desk and floor space and providing
easy access to rear cables and ports.
Features
Under-Desk CPU Mount Designed to Save Valuable Space in Your Computer Workstation
Why keep your desktop computer on the floor, where it is vulnerable to dust, dirt, spills and other debris?
For that matter, why keep it on your desktop, where it not only takes up valuable space, but is also pushed
against the wall, making it difficult to access rear USB ports and cable connections? Tripp Lite’s
adjustable DCPUSWIV lets you securely mount your tower CPU beneath your desktop, saving space and
keeping important ports and switches within easy reach.
Ideal for Mounting at Home, School and the Office
This CPU mount bolts to the underside of your desk or table using the included mounting hardware. The
adjustable metal frame fits most computer cases ranging from 4.8 to 10 inches (12.3 to 25.3 centimeters)
wide and 14.1 to 21.9 inches (35.7 to 55.7 centimeters) high. In addition to PC cases, the frame also
supports UPS systems, gaming towers and other essential workspace peripherals up to 66 pounds (30
kilograms). A locking knob holds the unit firmly in place.
Convenient Open Frame Design and 180-Degree Swivel Allow Easy Access
A slide track allows you to pull the tower CPU out from beneath the desk as far as 18 inches for easy
access. The open frame swivels 180 degrees, so you can easily attach cables and reach ports located in
the rear of the unit. Made from durable steel, the frame features a scratch-resistant black powder-coated
finish that blends with your décor and stands up to frequent handling. Included padding helps protect your
CPU or UPS system from exterior damage.
Highlights
Mounts underneath your desk to
leave valuable tabletop and floor
space clear
q
Adjusts to fit wide range of
CPUs from 4.8 to 10 in. wide
and 14.1 to 21.9 in. high
q
Durable metal construction with
powder-coated finish blends into
any décor
q
Open frame design allows easy
access to rear cabling and ports
for quick adjustments
q
All necessary hardware included
for easy mounting at home,
office or school
q
Applications
Incorporate a PC or UPS
system into your workspace
without taking up valuable desk,
table or floor space
q
Package Includes
DCPUSWIV Under-Desk CPU
Mount
q
Mounting hardware
q
Owner’s manual
q
OVERVIEW
UPC Code
037332248879
PHYSICAL
1 / 2


Similar Part No. - DCPUSWIV

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DCPU1 TRIPPLITE-DCPU1 Datasheet
507Kb / 2P
CPU - Computer Mount
DCPU2 TRIPPLITE-DCPU2 Datasheet
168Kb / 2P
Mobile CPU Caddy for Computer Towers - Width Adjustable, Locking Casters, Black
More results

Similar Description - DCPUSWIV

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DCPU1 TRIPPLITE-DCPU1 Datasheet
507Kb / 2P
CPU - Computer Mount
WWBASE-BK TRIPPLITE-WWBASE-BK Datasheet
497Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Black
WWBASE-WH TRIPPLITE-WWBASE-WH Datasheet
492Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, White
MR1220M TRIPPLITE-MR1220M Datasheet
162Kb / 2P
Monitor Riser for Desk, 12 x 20 in. - Height Adjustable, Corner, Metal, Black
MR1411M TRIPPLITE-MR1411M Datasheet
167Kb / 2P
Monitor Riser for Desk, 14 x 9 in. - Height Adjustable, Metal, Black
MR1812M TRIPPLITE-MR1812M Datasheet
165Kb / 2P
Monitor Riser for Desk, 18 x 11 in. - Height Adjustable, Metal, Black
WWSSRC TRIPPLITE-WWSSRC Datasheet
164Kb / 2P
Mobile Standing Desk/Workstation on Wheels, Height Adjustable
WWSSRDSTC TRIPPLITE-WWSSRDSTC Datasheet
162Kb / 2P
Rolling Desk TV/Monitor Cart - Height Adjustable
DCPU2 TRIPPLITE-DCPU2 Datasheet
168Kb / 2P
Mobile CPU Caddy for Computer Towers - Width Adjustable, Locking Casters, Black
logo
Advantech Co., Ltd.
ARES-2 ADVANTECH-ARES-2 Datasheet
1Mb / 8P
Adjustable desk stands for industrial applications
17-Apr-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com