Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FTB649 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTB649
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB649 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTB649 Datasheet HTML 1Page - First Silicon Co., Ltd FTB649 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012. 04. 27
2/2
FTB649/A
Revision No : 0
Maximum Collector Dissipation
Curve
30
20
10
0
50
100
150
Case temperature TC (°C)
TC = 25°C
Typical Output Characteristics
–1.0
–0.8
–0.6
–0.4
–0.2
0
–10
–40
–20
IB = 0
–0.5 mA
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
–30
–50
Collector to emitter voltage VCE (V)
Typical Transfer Characteristics
–500
–100
–10
–1
0
–0.4
Base to emitter voltage VBE (V)
–0.8
–0.2
–0.6
–1.0
VCE = –5 V
DC Current Transfer Ratio
vs. Collector Current
350
VCE = –5V
Ta = 75°C
25°C
–25°C
350
250
200
150
100
50
0
–1
–10
–100
–1,000
Collector current IC (mA)
Collector to Emitter Saturation
Voltage vs. Collector Current
IC = 10 IB
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
–0
–1
–10
Collector current IC (mA)
–100
–25
25
–1,000
Collector current IC (mA)
IC = 10 IB
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
–0
–1
–10
–100
–1,000
Base to Emitter Saturation Voltage
vs. Collector Current
Ta = –25
°C
25
75
VCE = –5 V
Gain Bandwidth Product
vs. Collector Current
240
200
160
120
80
40
0
–10
–30
–100
–300
–1,000
Collector current IC (mA)
Collector Output Capacitance vs.
Collector to Base Voltage
f = 1 MHz
IE = 0
200
100
50
20
10
5
2
–1
–3
–10
–30
–100
Collector to base voltage VCB (V)
Area of Safe Operation
ICmax
(–13.3 V, –1.5 A)
(–40 V, –0.5 A)
DC Operation (TC = 25°C)
(–120 V, –0.038 A)
(–160 V, –0.02 A)
FTB649A
FTB649
–3
–1.0
–0.3
–0.1
–0.03
–0.01
–1
–3
–10
Collector to emitter voltage VCE (V)
–30
–100
–300



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com